Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513YPM Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48T513YPM
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513YPM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48T513YPM Datasheet HTML 3Page - STMicroelectronics M48T513YPM Datasheet HTML 4Page - STMicroelectronics M48T513YPM Datasheet HTML 5Page - STMicroelectronics M48T513YPM Datasheet HTML 6Page - STMicroelectronics M48T513YPM Datasheet HTML 7Page - STMicroelectronics M48T513YPM Datasheet HTML 8Page - STMicroelectronics M48T513YPM Datasheet HTML 9Page - STMicroelectronics M48T513YPM Datasheet HTML 10Page - STMicroelectronics M48T513YPM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
M48T513Y, M48T513V
Table 5. Capacitance (1)
(TA =25 °C, f = 1 MHz)
Note: 1. Effective capacitance measured with power supply at 5V (M48T513Y) or 3.3V (M48T513V). Sampled only, not 100% tested.
2. Outputs deselected.
Table 6A. DC Characteristics - M48T513Y
(TA = 0 to 70 °C; VCC = 4.5V to 5.5V)
Note: 1. Outputs deselected.
Table 6B. DC Characteristics - M48T513V
(TA = 0 to 70 °C; VCC = 3.0V to 3.6V)
Note: 1. Outputs deselected.
Symbol
Parameter
Test Condit ion
Min
Max
Unit
CIN
Input Capacitance
VIN =0V
20
pF
CIO
(2)
Input / Output Capacitance
VOUT =0V
20
pF
Symbol
Parameter
Test Conditio n
Min
Max
Unit
ILI
(1)
Input Leakage Current
0V
≤ VIN ≤ VCC
±2
µA
ILO
(1)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±2
µA
ICC
Supply Current
Outputs open
115
mA
ICC1
Supply Current (Standby) TTL
E= VIH
8mA
ICC2
Supply Current (Standby) CMOS
E= VCC – 0.2V
4mA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.4
V
Symbol
Parameter
Test Conditio n
Min
Max
Unit
ILI
(1)
Input Leakage Current
0V
≤ VIN ≤ VCC
±2
µA
ILO
(1)
Output Leakage Current
0V
≤ VOUT ≤ VCC
±2
µA
ICC
Supply Current
Outputs open
60
mA
ICC1
Supply Current (Standby) TTL
E = VIH
4mA
ICC2
Supply Current (Standby) CMOS
E= VCC – 0.2V
3mA
VIL
Input Low Voltage
–0.3
0.4
V
VIH
Input High Voltage
2.2
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage
IOH = –1mA
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com