Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513YPM Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T513YPM
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513YPM Datasheet(HTML) 1 Page - STMicroelectronics

  M48T513YPM Datasheet HTML 1Page - STMicroelectronics M48T513YPM Datasheet HTML 2Page - STMicroelectronics M48T513YPM Datasheet HTML 3Page - STMicroelectronics M48T513YPM Datasheet HTML 4Page - STMicroelectronics M48T513YPM Datasheet HTML 5Page - STMicroelectronics M48T513YPM Datasheet HTML 6Page - STMicroelectronics M48T513YPM Datasheet HTML 7Page - STMicroelectronics M48T513YPM Datasheet HTML 8Page - STMicroelectronics M48T513YPM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
June 2000
M48T513Y
M48T513V
3.3V-5V 4 Mbit (512Kb x8) TIMEKEEPER® SRAM
s
INTEGRATED ULTRA LOW POWER SRAM,
REAL TIME CLOCK, POWER-FAIL CONTROL
CIRCUIT, BATTERY, and CRYSTAL
s
YEAR 2000 COMPLIANT
s
BCD CODED CENTURY, YEAR, MONTH,
DAY, DATE, HOURS, MINUTES, and
SECONDS
s
BATTERY LOW WARNING FLAG
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
TWO WRITE PROTECT VOLTAGES:
(VPFD = Power-fail Deselect Voltage)
– M48T513Y: 4.2V
≤ VPFD ≤ 4.5V
– M48T513V: 2.7V
≤ VPFD ≤ 3.0V
s
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
s
SOFTWARE CONTROLLED CLOCK
CALIBRATION for HIGH ACCURACY
APPLICATIONS
s
10 YEARS of DATA RETENTION and CLOCK
OPERATION in the ABSENCE of POWER
s
SELF CONTAINED BATTERY and CRYSTAL
in DIP PACKAGE
s
MICROPROCESSOR POWER-ON RESET
(Valid even during battery back-up mode)
s
PROGRAMMABLE ALARM OUTPUT ACTIVE
in BATTERY BACK-UP MODE
s
SURFACE MOUNT CHIP SET PACKAGING
INCLUDES a 44-PIN SOIC and a 32-LEAD
TSOP (SNAPHAT TOP TO BE ORDERED
SEPARATELY)
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP WHICH
CONTAINS the BATTERY and CRYSTAL
s
SNAPHAT® HOUSING (BATTERY/CRYSTAL)
IS REPLACEABLE
Figure 1. Logic Diagram
AI02308
19
A0-A18
DQ0-DQ7
VCC
M48T513Y
M48T513V
G
VSS
8
E
W
RST
IRQ/FT
RSTIN
WDI
32
1
SOH44
Surface Mount Chip Set Solution (CS)
SNAPHAT (SH)
Battery
PMDIP32 (PM)
Module
32
1
TSOP II 32
(10 x 20mm)


Similar Part No. - M48T513YPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T512V STMICROELECTRONICS-M48T512V Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T512V STMICROELECTRONICS-M48T512V Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
M48T512V STMICROELECTRONICS-M48T512V Datasheet
370Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER® SRAM
24-Jun-2011
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T512V-70PM1 STMICROELECTRONICS-M48T512V-70PM1 Datasheet
376Kb / 23P
5.0 or 3.3 V, 4 Mbit (512 Kbit x 8) TIMEKEEPER짰 SRAM
21-Jun-2010
More results

Similar Description - M48T513YPM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48T37Y STMICROELECTRONICS-M48T37Y Datasheet
511Kb / 29P
3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
Rev 6.0
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
4 Mbit 512Kb x8 ZEROPOWER SRAM
Mar-2000
M68Z512 STMICROELECTRONICS-M68Z512 Datasheet
92Kb / 12P
4 Mbit 512Kb x8 Low Power SRAM with Output Enable
14-Mar-2000
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
09-Oct-2002
logo
Alliance Semiconductor ...
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com