Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513YPM Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T513YPM
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513YPM Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T513YPM Datasheet HTML 6Page - STMicroelectronics M48T513YPM Datasheet HTML 7Page - STMicroelectronics M48T513YPM Datasheet HTML 8Page - STMicroelectronics M48T513YPM Datasheet HTML 9Page - STMicroelectronics M48T513YPM Datasheet HTML 10Page - STMicroelectronics M48T513YPM Datasheet HTML 11Page - STMicroelectronics M48T513YPM Datasheet HTML 12Page - STMicroelectronics M48T513YPM Datasheet HTML 13Page - STMicroelectronics M48T513YPM Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
M48T513Y, M48T513V
10/23
Table 10. Write Mode AC Characteristics
(TA = 0 to 70 °C)
Note: 1. CL = 5pF.
2. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter
M48T513Y
M48T513V
Unit
-70
-85
Min
Max
Min
Max
tAVAV
Write Cycle Time
70
85
ns
tAVWL
Address Valid to Write Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
Write Enable Pulse Width
50
60
ns
tELEH
Chip Enable Low to Chip Enable High
55
65
ns
tWHAX
Write Enable High to Address Transition
5
5
ns
tEHAX
Chip Enable High to Address Transition
10
15
ns
tDVWH
Input Valid to Write Enable High
30
35
ns
tDVEH
Input Valid to Chip Enable High
30
35
ns
tWHDX
Write Enable High to Input Transition
5
5
ns
tEHDX
Chip Enable High to Input Transition
10
15
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
30
ns
tAVWH
Address Valid to Write Enable High
60
70
ns
tAVEH
Address Valid to Chip Enable High
60
70
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
5
ns
If the processor does not reset the timer within the
specified period, the M48T513Y/V sets the WDF
(Watchdog Flag) and generates a watchdog inter-
rupt or a microprocessor reset. WDF is reset by
reading the Flags Register (Address 7FFF0h). The
most significant bit of the Watchdog Register is the
Watchdog Steering Bit (WDS). When set to a ’0’,
the watchdog will activate the IRQ/FT pin when
timed-out. When WDS is set to a ’1’, the watchdog
will output a negative pulse on the RST pin for 40
to 200 ms. The Watchdog register and the FT bit
will reset to a ’0’ at the end of a Watchdog time-out
when the WDS bit is set to a ’1’. The watchdog tim-
er can be reset by two methods: 1) a transition
(high-to-low or low-to-high) can be applied to the
Watchdog Input pin (WDI) or 2) the microproces-
sor can perform a write of the Watchdog Register.
The time-out period then starts over. The WDI pin
should be tied to VSS if not used. The watchdog
will be reset on each transition (edge) seen by the
WDI pin. In the order to perform a software reset
of the watchdog timer, the original time-out period
can be written into the Watchdog Register, effec-
tively restarting the count-down cycle.
Should the watchdog timer time-out, and the WDS
bit is programmed to output an interrupt, a value of
00h needs to be written to the Watchdog Register
in order to clear the IRQ/FT pin. This will also dis-
able the watchdog function until it is again pro-
grammed correctly. A read of the Flags Register
will reset the Watchdog Flag (Bit D7; Register
7FFF0h).
The watchdog function is automatically disabled
upon power-down and the Watchdog Register is
cleared. If the watchdog function is set to output to
the IRQ/FT pin and the frequency test function is
activated, the watchdog or alarm function prevails
and the frequency test function is denied.
POWER-ON RESET
The M48T513Y/V continuously monitors VCC.
When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on
power-up for 40 to 200ms after VCC passes VPFD.
The RST pin is an open drain output and an appro-
priate pull-up resistor to VCC should be chosen to
control the rise time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com