Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T513YPM Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48T513YPM
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513YPM Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48T513YPM Datasheet HTML 5Page - STMicroelectronics M48T513YPM Datasheet HTML 6Page - STMicroelectronics M48T513YPM Datasheet HTML 7Page - STMicroelectronics M48T513YPM Datasheet HTML 8Page - STMicroelectronics M48T513YPM Datasheet HTML 9Page - STMicroelectronics M48T513YPM Datasheet HTML 10Page - STMicroelectronics M48T513YPM Datasheet HTML 11Page - STMicroelectronics M48T513YPM Datasheet HTML 12Page - STMicroelectronics M48T513YPM Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9/23
M48T513Y, M48T513V
Table 9. Read Mode AC Characteristics
(TA = 0 to 70 °C)
Note: 1. CL = 100pF.
2. CL = 5pF.
Symbol
Parameter
M48T513Y
M48T513V
Unit
-70
-85
Min
Max
Min
Max
tAVAV
Read Cycle Time
70
85
ns
tAVQV
(1)
Address Valid to Output Valid
70
85
ns
tELQV
(1)
Chip Enable Low to Output Valid
70
85
ns
tGLQV
(1)
Output Enable Low to Output Valid
40
55
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
5
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
25
30
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
25
30
ns
tAXQX
(1)
Address Transition to Output Transition
10
5
ns
Figure 7. Address Controlled, Read Mode AC Waveforms
AI02324
tAVAV
tAVQV
tAXQX
DATA VALID
A0-A16
DQ0-DQ7
VALID
DATA VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com