Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ24AQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # SMBJ24AQ
Description  600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ24AQ Datasheet(HTML) 5 Page - Diodes Incorporated

  SMBJ24AQ Datasheet HTML 1Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 2Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 3Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 4Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 5Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMBJ12(C)AQ
– SMBJ100(C)AQ
Document number: DS40740 Rev. 5 - 2
5 of 6
www.diodes.com
April 2020
© Diodes Incorporated
SMBJ12(C)AQ
– SMBJ100(C)AQ
Package Outline Dimensions (Note 12)
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMB
Note:
12. The bar in the upper drawing is polarity indicator for Cathode Band. It is for unidirectional devices only. Bidirectional devices have no polarity Indicator
.
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SMB
D
b
A
A1
E1
E
L
c
Y
X1
X
G
C
SMB
Dim
Min
Max
A
2.00
2.50
A1
0.05
0.20
b
1.96
2.21
c
0.15
0.31
D
3.30
3.94
E
5.00
5.59
E1
4.06
4.57
L
0.76
1.52
All Dimensions in mm
Dimensions
Value
(in mm)
C
4.30
G
1.80
X
2.50
X1
6.80
Y
2.30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com