Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ24AQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SMBJ24AQ
Description  600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ24AQ Datasheet(HTML) 1 Page - Diodes Incorporated

  SMBJ24AQ Datasheet HTML 1Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 2Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 3Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 4Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 5Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SMBJ12(C)AQ
– SMBJ100(C)AQ
Document number: DS40740 Rev. 5 - 2
1 of 6
www.diodes.com
April 2020
© Diodes Incorporated
SMBJ12(C)AQ
– SMBJ100(C)AQ
600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Product Summary (@TA = +25°C)
PPK
IFSM
VRWM
PM(AV)
600W
100A
12V to 100V
5W
Description and Applications
Suitable to protect sensitive automotive circuits against surges defined
in ISO7637-2 and against electrostatic discharges according to
ISO10605.
Compliance with the following standards:
ISO
10605, C = 150pF, R = 330Ω:
30kV (Air Discharge)
30kV (Contact Discharge)
ISO7637-2 (Note 5)
Pulse 1: V
s = -150V
Pulse 2a: V
s = +112V
Pulse 3a: V
s = -220V
Pulse 3b: V
s = +150V
Features and Benefits
600W Peak Pulse Power Dissipation
12V to 100V Standoff Voltages
Glass Passivated Die Construction
Unidirectional and Bidirectional Versions Available
Excellent Clamping Capability
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The SMBJ12(C)AQ
– SMBJ100(C)AQ is suitable for
automotive applications requiring specific change control;
this part is AEC-Q101 qualified, PPAP capable, and
manufactured in IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: SMB
Case Material: Molded Plastic.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Lead Free Plating (Matte Tin Finish). Solderable per
MIL-STD-202, Method 208
Weight: 0.1 grams (Approximate)
Ordering Information (Note 4)
Part Number
Qualification
Case
Packaging
SMBJXX(C)AQ-13-F
Automotive
SMB
3000/Tape & Reel
SMBJXXX(C)AQ-13-F
Automotive
SMB
3000/Tape & Reel
*X = Device Voltage, e.g., SMBJ14AQ-13-F.
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
5. Not applicable to parts with stand-off voltage lower than the average battery voltage (13.5V).
Marking Information
Bidirectional Device
Cathode Band for Unidirectional Device
Top View
Bottom View
xx = Product Type Marking Code (See Page 3)
= Manufacturers’ Marking
YWW = Date Code Marking
Y = Last Digit of Year (ex: 0 for 2020)
WW = Week Code (01 to 53)
YWW
xx
SMB


Similar Part No. - SMBJ24AQ

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ24A JGD-SMBJ24A Datasheet
301Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
SMBJ24A DCCOM-SMBJ24A Datasheet
1Mb / 4P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ24A DIODES-SMBJ24A Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
logo
EIC discrete Semiconduc...
SMBJ24A EIC-SMBJ24A Datasheet
110Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SMBJ24A GE-SMBJ24A Datasheet
77Kb / 4P
SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMBJ24AQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0 FRONTIER-P6SMBJ5.0 Datasheet
133Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 17
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev 2
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMA6J5.0CAQ DIODES-SMA6J5.0CAQ Datasheet
480Kb / 5P
600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 1 - 2 September 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com