Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ24AQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SMBJ24AQ
Description  600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ24AQ Datasheet(HTML) 2 Page - Diodes Incorporated

  SMBJ24AQ Datasheet HTML 1Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 2Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 3Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 4Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 5Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SMBJ12(C)AQ
– SMBJ100(C)AQ
Document number: DS40740 Rev. 5 - 2
2 of 6
www.diodes.com
April 2020
© Diodes Incorporated
SMBJ12(C)AQ
– SMBJ100(C)AQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation
(Non Repetitive Current Pulse Derated above TA = +25°C)
(Note 6)
PPK
600
W
Peak Power Derating Above +25°C
PDER
4.8
W/°C
Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed
on Rated Load (Notes 6, 7, & 8)
IFSM
100
A
Steady State Power Dissipation @ TL = +75°C
PM(AV)
5.0
W
Instantaneous Forward Voltage @ IPP = 35A
(Notes 6, 7, & 8)
VF
3.5
V
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Operating Temperature Range
TJ
-55 to +150
°C
Storage Temperature Range
TSTG
-55 to +175
°C
Notes:
6. Valid provided that terminals are kept at ambient temperature.
7. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum.
8. Unidirectional units only.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com