Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBJ24AQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SMBJ24AQ
Description  600W SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ24AQ Datasheet(HTML) 3 Page - Diodes Incorporated

  SMBJ24AQ Datasheet HTML 1Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 2Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 3Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 4Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 5Page - Diodes Incorporated SMBJ24AQ Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMBJ12(C)AQ
– SMBJ100(C)AQ
Document number: DS40740 Rev. 5 - 2
3 of 6
www.diodes.com
April 2020
© Diodes Incorporated
SMBJ12(C)AQ
– SMBJ100(C)AQ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Part Number
Add C for Bi-
Directional
(Note 9)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 10)
Test
Current
Max Reverse
Leakage @ VRWM
Max Clamping
Voltage @ Ipp
(Note 11)
Max. Peak Pulse
Current
Marking Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (µA)
VC (V)
Ipp (A)
BI-
UNI-
SMBJ12(C)AQ
12.0
13.30
15.30
1.0
5.0
19.9
30.2
BE
LE
SMBJ14(C)AQ
14.0
15.60
17.90
1.0
5.0
23.2
25.8
BK
LK
SMBJ15(C)AQ
15.0
16.70
19.20
1.0
5.0
24.4
24.0
BM
LM
SMBJ16(C)AQ
16.0
17.80
20.50
1.0
5.0
26.0
23.1
BP
LP
SMBJ17(C)AQ
17.0
18.90
21.70
1.0
5.0
27.6
21.7
BR
LR
SMBJ18(C)AQ
18.0
20.00
23.30
1.0
5.0
29.2
20.5
BT
LT
SMBJ20(C)AQ
20.0
22.20
25.50
1.0
5.0
32.4
18.5
BV
LV
SMBJ22(C)AQ
22.0
24.40
28.00
1.0
5.0
35.5
16.9
BX
LX
SMBJ24(C)AQ
24.0
26.70
30.70
1.0
5.0
38.9
15.4
BZ
LZ
SMBJ26(C)AQ
26.0
28.90
33.20
1.0
5.0
42.1
14.2
CE
ME
SMBJ28(C)AQ
28.0
31.10
35.80
1.0
5.0
45.4
13.2
CG
MG
SMBJ30(C)AQ
30.0
33.30
38.30
1.0
5.0
48.4
12.4
CK
MK
SMBJ33(C)AQ
33.0
36.70
42.20
1.0
5.0
53.3
11.3
CM
MM
SMBJ36(C)AQ
36.0
40.00
46.00
1.0
5.0
58.1
10.3
CP
MP
SMBJ40(C)AQ
40.0
44.40
51.10
1.0
5.0
64.5
9.3
CR
MR
SMBJ51(C)AQ
51.0
56.70
65.20
1.0
5.0
82.4
7.3
CZ
MZ
SMBJ58(C)AQ
58.0
64.40
74.60
1.0
5.0
93.6
6.4
DG
NG
SMBJ70(C)AQ
70.0
77.80
89.50
1.0
5.0
113.0
5.3
DP
NP
SMBJ100(C)AQ
100.0
111.0
128.00
1.0
5.0
162.0
3.7
DZ
NZ
Notes:
9. Suffix C denotes bidirectional device.
10. VBR measured with IT current pulse = 10ms to 15ms.
11. Per 10 ×
1000μs waveform. See Figure 4.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com