Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW016 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M50FW016
Description  16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW016 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M50FW016 Datasheet HTML 7Page - STMicroelectronics M50FW016 Datasheet HTML 8Page - STMicroelectronics M50FW016 Datasheet HTML 9Page - STMicroelectronics M50FW016 Datasheet HTML 10Page - STMicroelectronics M50FW016 Datasheet HTML 11Page - STMicroelectronics M50FW016 Datasheet HTML 12Page - STMicroelectronics M50FW016 Datasheet HTML 13Page - STMicroelectronics M50FW016 Datasheet HTML 14Page - STMicroelectronics M50FW016 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
11/45
M50FW016
BUS OPERATIONS
The two interfaces have similar bus operations but
the signals and timings are completely different.
The Firmware Hub (FWH) Interface is the usual
interface and all of the functionality of the part is
available through this interface. Only a subset of
functions are available through the Address/
Address Multiplexed (A/A Mux) Interface.
Follow the section Firmware Hub (FWH) Bus
Operations below and the section Address/
Address Multiplexed (A/A Mux) Bus Operations
below for a description of the bus operations on
each interface.
Firmware Hub (FWH) Bus Operations
The Firmware Hub (FWH) Interface consists of
four data signals (FWH0-FWH3), one control line
(FWH4) and a clock (CLK). In addition protection
against accidental or malicious data corruption
can be achieved using two further signals (TBL
and WP). Finally two reset signals (RP and INIT)
are available to put the memory into a known
state.
The data signals, control signal and clock are
designed to be compatible with PCI electrical
specifications. The interface operates with clock
speeds up to 33MHz.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Standby, Reset and Block Protection.
Bus Read. Bus Read operations read from the
memory cells, specific registers in the Command
Interface or Firmware Hub Registers. A valid Bus
Read operation starts when Input Communication
Frame, FWH4, is Low, VIL, as Clock rises and the
correct Start cycle is on FWH0-FWH3. On the
following clock cycles the Host will send the
Memory ID Select, Address and other control bits
on FWH0-FWH3. The memory responds by
outputting Sync data until the wait-states have
elapsed followed by Data0-Data3 and Data4-
Data7.
Refer to Table 4., FWH Bus Read Field Defini-
tions, and Figure 5., FWH Bus Read Waveforms
(Single Byte Read), for a description of the Field
definitions for each clock cycle of the transfer. See
Table 23., FWH Interface AC Signal Timing Char-
acteristics and Figure 11., FWH Interface AC Sig-
nal Timing Waveforms, for details on the timings of
the signals.
FWH Bus Write. Bus Write operations write to
the
Command
Interface
or
Firmware
Hub
Registers. A valid Bus Write operation starts when
Input Communication Frame, FWH4, is Low, VIL,
as Clock rises and the correct Start cycle is on
FWH0-FWH3. On the following Clock cycles the
Host will send the Memory ID Select, Address,
other control bits, Data0-Data3 and Data4-Data7
on FWH0-FWH3. The memory outputs Sync data
until the wait-states have elapsed.
Refer to Table 5., FWH Bus Write Field Definitions
(Single Byte), and Figure 6., FWH Bus Write
Waveforms (Single Byte), for a description of the
Field definitions for each clock cycle of the
transfer. See Table 23., FWH Interface AC Signal
Timing Characteristics, and Figure 11., FWH
Interface AC Signal Timing Waveforms, for details
on the timings of the signals.
Bus Abort. The Bus Abort operation can be used
to immediately abort the current bus operation. A
Bus Abort occurs when FWH4 is driven Low, VIL,
during the bus operation; the memory will tri-state
the Input/Output Communication pins, FWH0-
FWH3.
Note that, during a Bus Write operation, the
Command
Interface
starts
executing
the
command as soon as the data is fully received; a
Bus Abort during the final TAR cycles is not
guaranteed to abort the command; the bus,
however, will be released immediately.
Standby. When FWH4 is High, VIH, the memory
is put into Standby mode where FWH0-FWH3 are
put into a high-impedance state and the Supply
Current is reduced to the Standby level, ICC1.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when Interface Reset, RP, or CPU
Reset, INIT, is Low, VIL. RP or INIT must be held
Low, VIL, for tPLPH. The memory resets to Read
mode upon return from Reset mode and the Lock
Registers return to their default states regardless
of their state before Reset, see Table 13. If RP or
INIT goes Low, VIL, during a Program or Erase
operation, the operation is aborted and the
memory cells affected no longer contain valid
data; the memory can take up to tPLRH to abort a
Program or Erase operation.
Block Protection. Block
Protection
can
be
forced using the signals Top Block Lock, TBL, and
Write Protect, WP, regardless of the state of the
Lock Registers.
Address/Address Multiplexed (A/A Mux) Bus
Operations
The Address/Address Multiplexed (A/A Mux)
Interface has a more traditional style interface.
The signals consist of a multiplexed address
signals (A0-A10), data signals, (DQ0-DQ7) and
three control signals (RC, G, W). An additional
signal, RP, can be used to reset the memory.
The Address/Address Multiplexed (A/A Mux)
Interface
is
included
for
use
by
Flash
Programming
equipment
for
faster
factory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com