Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW016 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50FW016
Description  16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW016 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50FW016 Datasheet HTML 9Page - STMicroelectronics M50FW016 Datasheet HTML 10Page - STMicroelectronics M50FW016 Datasheet HTML 11Page - STMicroelectronics M50FW016 Datasheet HTML 12Page - STMicroelectronics M50FW016 Datasheet HTML 13Page - STMicroelectronics M50FW016 Datasheet HTML 14Page - STMicroelectronics M50FW016 Datasheet HTML 15Page - STMicroelectronics M50FW016 Datasheet HTML 16Page - STMicroelectronics M50FW016 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
13/45
M50FW016
Table 4. FWH Bus Read Field Definitions
Note: 1. Clock Cycle Number = (2MSIZE –1)* 2+18
2. Clock Cycle Number = (2MSIZE –1)* 2+19
Figure 5. FWH Bus Read Waveforms (Single Byte Read)
Clock
Cycle
Number
Clock
Cycle
Count
Field
FWH0-
FWH3
Memory
I/O
Description
1
1
START
1101b
I
On the rising edge of CLK with FWH4 Low, the contents of
FWH0-FWH3 indicate the start of a FWH Read cycle.
2
1
IDSEL
XXXX
I
Indicates which FWH Flash Memory is selected. The value
on FWH0-FWH3 is compared to the IDSEL strapping on the
FWH Flash Memory pins to select which FWH Flash
Memory is being addressed.
3-9
7
ADDR
XXXX
I
A 28-bit address phase is transferred starting with the most
significant nibble first. For the multi-byte read operation, the
least significant bits (MSIZE of them) are treated as Don't
Care, and the read operation is started with each of these
bits reset to 0.
10
1
MSIZE
0XXXb
I
This one clock cycle is driven by the host to determine how
many bytes will be transferred. M50FW016 will support:
single byte transfer (0000b), 4-byte transfer (0010b), 16-byte
transfer (0100b) and 128-byte transfer (0111b).
11
1
TAR
1111b
I
The host drives FWH0-FWH3 to 1111b to indicate a
turnaround cycle.
12
1
TAR
1111b
(float)
O
The FWH Flash Memory takes control of FWH0-FWH3
during this cycle.
13-14
2
WSYNC
0101b
O
The FWH Flash Memory drives FWH0-FWH3 to 0101b
(short wait-sync) for two clock cycles, indicating that the data
is not yet available. Two wait-states are always included.
15
1
RSYNC
0000b
O
The FWH Flash Memory drives FWH0-FWH3 to 0000b,
indicating that data will be available during the next clock
cycle.
16-17
2
DATA
XXXX
O
Data transfer is two CLK cycles, starting with the least
significant nibble.
If multi-byte read operation is
enabled, repeat cycle 16-17 n times, where n = 2MSIZE –1
Note 1
1
TAR
1111b
O
The FWH Flash Memory drives FWH0-FWH3 to 1111b to
indicate a turnaround cycle.
Note 2
1
TAR
1111b
(float)
N/A
The FWH Flash Memory floats its outputs, the host takes
control of FWH0-FWH3.
AI03437
CLK
FWH4
FWH0-FWH3
Number of
clock cycles
START
IDSEL
ADDR
MSIZE
TAR
SYNC
DATA
TAR
11712322



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com