Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW016 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M50FW016
Description  16 Mbit 2Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW016 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M50FW016 Datasheet HTML 19Page - STMicroelectronics M50FW016 Datasheet HTML 20Page - STMicroelectronics M50FW016 Datasheet HTML 21Page - STMicroelectronics M50FW016 Datasheet HTML 22Page - STMicroelectronics M50FW016 Datasheet HTML 23Page - STMicroelectronics M50FW016 Datasheet HTML 24Page - STMicroelectronics M50FW016 Datasheet HTML 25Page - STMicroelectronics M50FW016 Datasheet HTML 26Page - STMicroelectronics M50FW016 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 45 page
background image
23/45
M50FW016
Table 12. Firmware Hub Register Configuration Map
Mnemonic
Register Name
Memory
Address
Default
Value
Access
T_BLOCK_LK
Top Block Lock Register (Block 31)
FBF0002h
01h
R/W
T_MINUS01_LK
Top Block [-1] Lock Register (Block 30)
FBE0002h
01h
R/W
T_MINUS02_LK
Top Block [-2] Lock Register (Block 29)
FBD0002h
01h
R/W
T_MINUS03_LK
Top Block [-3] Lock Register (Block 28)
FBC0002h
01h
R/W
T_MINUS04_LK
Top Block [-4] Lock Register (Block 27)
FBB0002h
01h
R/W
T_MINUS05_LK
Top Block [-5] Lock Register (Block 26)
FBA0002h
01h
R/W
T_MINUS06_LK
Top Block [-6] Lock Register (Block 25)
FB90002h
01h
R/W
T_MINUS07_LK
Top Block [-7] Lock Register (Block 24)
FB80002h
01h
R/W
T_MINUS08_LK
Top Block [-8] Lock Register (Block 23)
FB70002h
01h
R/W
T_MINUS09_LK
Top Block [-9] Lock Register (Block 22)
FB60002h
01h
R/W
T_MINUS10_LK
Top Block [-10] Lock Register (Block 21)
FB50002h
01h
R/W
T_MINUS11_LK
Top Block [-11] Lock Register (Block 20)
FB40002h
01h
R/W
T_MINUS12_LK
Top Block [-12] Lock Register (Block 19)
FB30002h
01h
R/W
T_MINUS13_LK
Top Block [-13] Lock Register (Block 18)
FB20002h
01h
R/W
T_MINUS14_LK
Top Block [-14] Lock Register (Block 17)
FB10002h
01h
R/W
T_MINUS15_LK
Top Block [-15] Lock Register (Block 16)
FB00002h
01h
R/W
T_MINUS16_LK
Top Block [-16] Lock Register (Block 15)
FAF0002h
01h
R/W
T_MINUS17_LK
Top Block [-17] Lock Register (Block 14)
FAE0002h
01h
R/W
T_MINUS18_LK
Top Block [-18] Lock Register (Block 13)
FAD0002h
01h
R/W
T_MINUS19_LK
Top Block [-19] Lock Register (Block 12)
FAC0002h
01h
R/W
T_MINUS20_LK
Top Block [-20] Lock Register (Block 11)
FAB0002h
01h
R/W
T_MINUS21_LK
Top Block [-21] Lock Register (Block 10)
FAA0002h
01h
R/W
T_MINUS22_LK
Top Block [-22] Lock Register (Block 9)
FA90002h
01h
R/W
T_MINUS23_LK
Top Block [-23] Lock Register (Block 8)
FA80002h
01h
R/W
T_MINUS24_LK
Top Block [-24] Lock Register (Block 7)
FA70002h
01h
R/W
T_MINUS25_LK
Top Block [-25] Lock Register (Block 6)
FA60002h
01h
R/W
T_MINUS26_LK
Top Block [-26] Lock Register (Block 5)
FA50002h
01h
R/W
T_MINUS27_LK
Top Block [-27] Lock Register (Block 4)
FA40002h
01h
R/W
T_MINUS28_LK
Top Block [-28] Lock Register (Block 3)
FA30002h
01h
R/W
T_MINUS29_LK
Top Block [-29] Lock Register (Block 2)
FA20002h
01h
R/W
T_MINUS30_LK
Top Block [-30] Lock Register (Block 1)
FA10002h
01h
R/W
T_MINUS31_LK
Top Block [-31] Lock Register (Block 0)
FA00002h
01h
R/W
FGPI_REG
Firmware Hub (FWH) General Purpose Input Register
FBC0100h
N/A
R
MANUF_REG
Manufacturer Code Register
FBC0000h
20h
R
DEV_REG
Device Code Register
FBC0001h
2Eh
R
MBR_REG_LB
Multi-Byte Read Configuration Register (Low Byte)
FBC0005h
4Ah
R
MBR_REG_HB
Multi-Byte Read Configuration Register (High Byte)
FBC0006h
00h
R
MBW_REG_LB
Multi-Byte Write Configuration Register (Low Byte)
FBC0007h
02h
R
MBW_REG_HB
Multi-Byte Write Configuration Register (High Byte)
FBC0008h
00h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com