Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5P Datasheet(PDF) 37 Page - STMicroelectronics

Part # M50FW080N5P
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5P Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M50FW080N5P Datasheet HTML 33Page - STMicroelectronics M50FW080N5P Datasheet HTML 34Page - STMicroelectronics M50FW080N5P Datasheet HTML 35Page - STMicroelectronics M50FW080N5P Datasheet HTML 36Page - STMicroelectronics M50FW080N5P Datasheet HTML 37Page - STMicroelectronics M50FW080N5P Datasheet HTML 38Page - STMicroelectronics M50FW080N5P Datasheet HTML 39Page - STMicroelectronics M50FW080N5P Datasheet HTML 40Page - STMicroelectronics M50FW080N5P Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
M50FW080
DC and AC parameters
37/55
9
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 16, Table 17 and Table 18. Designers should check that the operating conditions in
their circuit match the operating conditions when relying on the quoted parameters.
Figure 8.
FWH interface AC testing input output waveforms
Table 16.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
TA
Ambient Operating Temperature (Device Grade 5)
–20
85
°C
Table 17.
FWH interface AC measurement conditions
Parameter
Value
Unit
Load Capacitance (CL)10
pF
Input Rise and Fall Times
≤1.4
ns
Input Pulse Voltages
0.2 VCC and 0.6 VCC
V
Input and Output Timing Ref. Voltages
0.4 VCC
V
Table 18.
A/A Mux interface AC measurement conditions
Parameter
Value
Unit
Load Capacitance (CL)30
pF
Input Rise and Fall Times
≤10
ns
Input Pulse Voltages
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
V
AI03404
0.6 VCC
0.2 VCC
0.4 VCC
IO > ILO
IO < ILO
IO < ILO
Input and Output AC Testing Waveform
Output AC Tri-state Testing Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com