Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5P Datasheet(PDF) 40 Page - STMicroelectronics

Part # M50FW080N5P
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5P Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M50FW080N5P Datasheet HTML 36Page - STMicroelectronics M50FW080N5P Datasheet HTML 37Page - STMicroelectronics M50FW080N5P Datasheet HTML 38Page - STMicroelectronics M50FW080N5P Datasheet HTML 39Page - STMicroelectronics M50FW080N5P Datasheet HTML 40Page - STMicroelectronics M50FW080N5P Datasheet HTML 41Page - STMicroelectronics M50FW080N5P Datasheet HTML 42Page - STMicroelectronics M50FW080N5P Datasheet HTML 43Page - STMicroelectronics M50FW080N5P Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
DC and AC parameters
M50FW080
40/55
Figure 10.
FWH interface clock waveform
Table 21.
FWH interface clock characteristics
Symbol
Parameter
Test Condition
Value
Unit
tCYC
CLK Cycle Time(1)
1.
Devices on the PCI Bus must work with any clock frequency between DC and 33MHz. Below 16MHz
devices may be guaranteed by design rather than tested. Refer to PCI Specification.
Min
30
ns
tHIGH
CLK High Time
Min
11
ns
tLOW
CLK Low Time
Min
11
ns
CLK Slew Rate
peak to peak
Min
1
V/ns
Max
4
V/ns
AI03403
tHIGH
tLOW
0.6 VCC
tCYC
0.5 VCC
0.4 VCC
0.3 VCC
0.2 VCC
0.4 VCC, p-to-p
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com