Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5P Datasheet(PDF) 41 Page - STMicroelectronics

Part # M50FW080N5P
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5P Datasheet(HTML) 41 Page - STMicroelectronics

Back Button M50FW080N5P Datasheet HTML 37Page - STMicroelectronics M50FW080N5P Datasheet HTML 38Page - STMicroelectronics M50FW080N5P Datasheet HTML 39Page - STMicroelectronics M50FW080N5P Datasheet HTML 40Page - STMicroelectronics M50FW080N5P Datasheet HTML 41Page - STMicroelectronics M50FW080N5P Datasheet HTML 42Page - STMicroelectronics M50FW080N5P Datasheet HTML 43Page - STMicroelectronics M50FW080N5P Datasheet HTML 44Page - STMicroelectronics M50FW080N5P Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
M50FW080
DC and AC parameters
41/55
Figure 11.
FWH interface AC signal timing waveforms
AI03405
tCHQV
tCHQX
tCHQZ
tCHDX
VALID
FWH0-FWH3
tDVCH
CLK
VALID OUTPUT DATA
FLOAT OUTPUT DATA
VALID INPUT DATA
Table 22.
FWH interface AC signal timing characteristics
Symbol
PCI Symbol
Parameter
Test condition
Value
Unit
tCHQV
tval
CLK to Data Out
Min
2
ns
Max
11
ns
tCHQX
(1)
ton
CLK to Active
(Float to Active Delay)
Min
2
ns
tCHQZ
toff
CLK to Inactive
(Active to Float Delay)
Max
28
ns
tAVCH
tDVCH
tsu
Input Set-up Time(2)
Min
7
ns
tCHAX
tCHDX
th
Input Hold Time(2)
Min
0
ns
1.
The timing measurements for Active/Float transitions are defined when the current through the pin equals the leakage
current specification.
2.
Applies to all inputs except CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com