Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080N5P Datasheet(PDF) 53 Page - STMicroelectronics

Part # M50FW080N5P
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080N5P Datasheet(HTML) 53 Page - STMicroelectronics

Back Button M50FW080N5P Datasheet HTML 48Page - STMicroelectronics M50FW080N5P Datasheet HTML 49Page - STMicroelectronics M50FW080N5P Datasheet HTML 50Page - STMicroelectronics M50FW080N5P Datasheet HTML 51Page - STMicroelectronics M50FW080N5P Datasheet HTML 52Page - STMicroelectronics M50FW080N5P Datasheet HTML 53Page - STMicroelectronics M50FW080N5P Datasheet HTML 54Page - STMicroelectronics M50FW080N5P Datasheet HTML 55Page - STMicroelectronics M50FW080N5P Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
M50FW080
Flowcharts and pseudo codes
53/55
Figure 22.
Block Erase flowchart and pseudo code
1.
If an error is found, the Status Register must be cleared before further Program/Erase Controller
operations.
Write 20h/32h
AI08424B
Start
Write Block
Address and D0h
Read Status
Register
YES
NO
SR7 = 1
YES
NO
SR3 = 0
NO
SR4, SR5 = 0
VPP Invalid
Error (1)
Command
Sequence Error (1)
Block Erase command:
– Write 20h/32h
– Write block Address and D0h
(memory enters read Status Register after
the Block Erase command)
do:
– Read Status Register
– If SR7=0 and a Program/Erase Suspend
command has been executed
– SR7 is set to 1
– Enter suspend program loop
If SR3 = 1,
– Enter the "VPP invalid" error handler
If SR4, SR5 = 1,
– Enter the "Command sequence"error handler
YES
NO
SR5 = 0
Erase Error (1)
YES
NO
Suspend
Suspend
Loop
If SR5 = 1,
– Enter the "Erase Error" error handler
End
YES
NO
SR1 = 0
Erase to Protected
Block Error (1)
If SR1 = 1,
– Enter the "Erase to protected block"
error handler
YES
FWH/LPC
Interface
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com