Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW040 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics M50LPW040 Datasheet HTML 10Page - STMicroelectronics M50LPW040 Datasheet HTML 11Page - STMicroelectronics M50LPW040 Datasheet HTML 12Page - STMicroelectronics M50LPW040 Datasheet HTML 13Page - STMicroelectronics M50LPW040 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
M50LPW040
10/36
Address/Address Multiplexed (A/A Mux) Bus
Operations
The Address/Address Multiplexed (A/A Mux)
Interface has a more traditional style interface.
The signals consist of a multiplexed address
signals (A0-A10), data signals, (DQ0-DQ7) and
three control signals (RC, G, W). An additional
signal, RP, can be used to reset the memory.
The Address/Address Multiplexed (A/A Mux)
Interface
is
included
for
use
by
Flash
Programming
equipment
for
faster
factory
programming. Only a subset of the features
available to the Low Pin Count (LPC) Interface are
available; these include all the Commands but
exclude the Security features and other registers.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Output Disable and Reset.
When the Address/Address Multiplexed (A/A Mux)
Interface
is
selected
all
the
blocks
are
unprotected. It is not possible to protect any blocks
through this interface.
Bus Read. Bus Read operations are used to
output the contents of the Memory Array, the
Electronic Signature and the Status Register. A
valid Bus Read operation begins by latching the
Row Address and Column Address signals into
the memory using the Address Inputs, A0-A10,
and the Row/Column Address Select RC. Then
Write Enable (W) and Interface Reset (RP) must
be High, VIH, and Output Enable, G, Low, VIL, in
order to perform a Bus Read operation. The Data
Inputs/Outputs will output the value, see Figure
12, A/A Mux Interface Read AC Waveforms, and
Table
24,
A/A
Mux
Interface
Read
AC
Characteristics, for details of when the output
becomes valid.
Bus Write. Bus Write operations write to the
Command Interface. A valid Bus Write operation
begins by latching the Row Address and Column
Address signals into the memory using the
Address Inputs, A0-A10, and the Row/Column
Address Select RC. The data should be set up on
the Data Inputs/Outputs; Output Enable, G, and
Interface Reset, RP, must be High, VIH and Write
Enable, W, must be Low, VIL. The Data Inputs/
Outputs are latched on the rising edge of Write
Enable, W. See Figure 13, A/A Mux Interface
Write AC Waveforms, and Table 25, A/A Mux
Interface Write AC Characteristics, for details of
the timing requirements.
Output Disable. The data outputs are high-im-
pedance when the Output Enable, G, is at VIH.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when RP is Low, VIL. RP must be
held Low, VIL for tPLPH. If RP is goes Low, VIL,
during
a
Program or
Erase
operation, the
operation is aborted and the memory cells affected
no longer contain valid data; the memory can take
up to tPLRH to abort a Program or Erase operation.
COMMAND INTERFACE
All Bus Write operations to the memory are
interpreted
by
the
Command
Interface.
Commands consist of one or more sequential Bus
Write operations.
After power-up or a Reset operation the memory
enters Read mode.
The commands are summarized in Table 11,
Commands. Refer to Table 11 in conjunction with
the text descriptions below.
Table 8. A/A Mux Bus Operations
Table 9. Manufacturer and Device Codes
Operation
G
W
RP
VPP
DQ7-DQ0
Bus Read
VIL
VIH
VIH
Don’t Care
Data Output
Bus Write
VIH
VIL
VIH
VCC or VPPH
Data Input
Output Disable
VIH
VIH
VIH
Don’t Care
Hi-Z
Reset
VIL or VIH
VIL or VIH
VIL
Don’t Care
Hi-Z
Operation
G
W
RP
A18-A1
A0
DQ7-DQ0
Manufacturer Code
VIL
VIH
VIH
VIL
VIL
20h
Device Code
VIL
VIH
VIH
VIL
VIH
26h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com