Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW040 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 17Page - STMicroelectronics M50LPW040 Datasheet HTML 18Page - STMicroelectronics M50LPW040 Datasheet HTML 19Page - STMicroelectronics M50LPW040 Datasheet HTML 20Page - STMicroelectronics M50LPW040 Datasheet HTML 21Page - STMicroelectronics M50LPW040 Datasheet HTML 22Page - STMicroelectronics M50LPW040 Datasheet HTML 23Page - STMicroelectronics M50LPW040 Datasheet HTML 24Page - STMicroelectronics M50LPW040 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21/36
M50LPW040
Table 21. LPC Interface Clock Characteristics
(TA = 0 to 70°C or –20 to 85°C; VCC = 3.0 to 3.6V)
Note: 1. Devices on the PCI Bus must work with any clock frequency between DC and 33MHz. Below 16MHz devices may be guaranteed
by design rather than tested. Refer to PCI Specification.
Symbol
Parameter
Test Condition
Value
Unit
tCYC
CLK Cycle Time(1)
Min
30
ns
tHIGH
CLK High Time
Min
11
ns
tLOW
CLK Low Time
Min
11
ns
CLK Slew Rate
peak to peak
Min
1
V/ns
Max
4
V/ns
Figure 9. LPC Interface Clock Waveform
AI03403
tHIGH
tLOW
0.6 VCC
tCYC
0.5 VCC
0.4 VCC
0.3 VCC
0.2 VCC
0.4 VCC, p-to-p
(minimum)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com