Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW040 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 4 Page - STMicroelectronics

  M50LPW040 Datasheet HTML 1Page - STMicroelectronics M50LPW040 Datasheet HTML 2Page - STMicroelectronics M50LPW040 Datasheet HTML 3Page - STMicroelectronics M50LPW040 Datasheet HTML 4Page - STMicroelectronics M50LPW040 Datasheet HTML 5Page - STMicroelectronics M50LPW040 Datasheet HTML 6Page - STMicroelectronics M50LPW040 Datasheet HTML 7Page - STMicroelectronics M50LPW040 Datasheet HTML 8Page - STMicroelectronics M50LPW040 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
M50LPW040
4/36
Low Pin Count (LPC) Signal Descriptions
For the Low Pin Count (LPC) Interface see Figure
1, Logic Diagram, and Table 1, Signal Names.
Input/Output Communications (LAD0-LAD3). All
Input and Output Communication with the memory
take place on these pins. Addresses and Data for
Bus Read and Bus Write operations are encoded
on these pins.
Input Communication Frame (LFRAME). The
Input Communication Frame (LFRAME) signals
the start of a bus operation. When Input Commu-
nication Frame is Low, VIL, on the rising edge of
the Clock a new bus operation is initiated. If Input
Communication Frame is Low, VIL, during a bus
operation then the operation is aborted. When In-
put Communication Frame is High, VIH, the cur-
rent bus operation is proceeding or the bus is idle.
Identification Inputs (ID0-ID2). The Identification
Inputs (ID0-ID2) allow to address up to 8
memories on a bus. The value on addresses A19-
A21 is compared to the hardware strapping on the
ID0-ID2 pins to select which memory is being
addressed. For an address bit to be ‘1’ the
correspondent ID pin can be left floating or driven
Low, VIL; an internal pull-down resistor is included
with a value of RIL. For an address bit to be ‘0’ the
correspondent ID pin must be driven High, VIH;
there will be a leakage current of ILI2 through each
pin when pulled to VIH; see Table 20.
By convention the boot memory must have ID0-
ID2 pins left floating or driven Low, VIL and a ‘111’
value on A19-A21 and all additional memories
take sequential ID0-ID2 configuration, as shown in
Table 2.
General Purpose Inputs (GPI0-GPI4). The Gener-
al Purpose Inputs can be used as digital inputs for
the CPU to read. The General Purpose Input Reg-
ister holds the values on these pins. The pins must
have stable data from before the start of the cycle
that reads the General Purpose Input Register un-
til after the cycle is complete. These pins must not
be left to float, they should be driven Low, VIL, or
High, VIH.
Interface Configuration (IC). The Interface Con-
figuration input selects whether the Low Pin Count
(LPC) or the Address/Address Multiplexed (A/A
Mux) Interface is used. The chosen interface must
be selected before power-up or during a Reset
and, thereafter, cannot be changed. The state of
the Interface Configuration, IC, should not be
changed during operation.
To select the Low Pin Count (LPC) Interface the
Interface Configuration pin should be left to float or
driven Low, VIL; to select the Address/Address
Multiplexed (A/A Mux) Interface the pin should be
driven High, VIH. An internal pull-down resistor is
included with a value of RIL; there will be a leakage
current of ILI2 through each pin when pulled to VIH;
see Table 20.
Interface Reset (RP). The Interface Reset (RP)
input is used to reset the memory. When Interface
Reset (RP) is set Low, VIL, the memory is in Reset
mode: the outputs are put to high impedance and
the current consumption is minimized. When RP is
set High, VIH, the memory is in normal operation.
After exiting Reset mode, the memory enters
Read mode.
CPU Reset (INIT). The CPU Reset, INIT, pin is
used to Reset the memory when the CPU is reset.
It behaves identically to Interface Reset, RP, and
the internal Reset line is the logical OR (electrical
AND) of RP and INIT.
Clock (CLK). The Clock, CLK, input is used to
clock the signals in and out of the Input/Output
Communication Pins, LAD0-LAD3. The Clock
conforms to the PCI specification.
Table 2. Memory Identification Input Configuration
Memory Number
ID2
ID1
ID0
A21
A20
A19
1 (Boot)
VIL or floating
VIL or floating
VIL or floating
11
1
2
VIL or floating
VIL or floating
VIH
11
0
3
VIL or floating
VIH
VIL or floating
10
1
4
VIL or floating
VIH
VIH
10
0
5
VIH
VIL or floating
VIL or floating
01
1
6
VIH
VIL or floating
VIH
01
0
7
VIH
VIH
VIL or floating
00
1
8
VIH
VIH
VIH
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com