Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW040 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M50LPW040
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW040 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M50LPW040 Datasheet HTML 11Page - STMicroelectronics M50LPW040 Datasheet HTML 12Page - STMicroelectronics M50LPW040 Datasheet HTML 13Page - STMicroelectronics M50LPW040 Datasheet HTML 14Page - STMicroelectronics M50LPW040 Datasheet HTML 15Page - STMicroelectronics M50LPW040 Datasheet HTML 16Page - STMicroelectronics M50LPW040 Datasheet HTML 17Page - STMicroelectronics M50LPW040 Datasheet HTML 18Page - STMicroelectronics M50LPW040 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
15/36
M50LPW040
gram/Erase Controller has applied the maximum
number of pulses to the block(s) and still failed to
verify that the block(s) has erased correctly.
Once the Erase Status bit is set to ‘1’ it can only be
reset to ‘0’ by a Clear Status Register command or
a hardware reset. If it is set to ‘1’ it should be reset
before a new Program or Erase command is is-
sued, otherwise the new command will appear to
fail.
Program Status (Bit 4). The Program Status bit
can be used to identify if the memory has applied
the maximum number of program pulses to the
byte and still failed to verify that the byte has pro-
grammed correctly. The Program Status bit should
be read once the Program/Erase Controller Status
bit is ‘1’ (Program/Erase Controller inactive).
When the Program Status bit is ‘0’ the memory has
successfully verified that the byte has pro-
grammed correctly; when the Program Status bit is
‘1’ the Program/Erase Controller has applied the
maximum number of pulses to the byte and still
failed to verify that the byte has programmed cor-
rectly.
Once the Program Status bit is set to ‘1’ it can only
be reset to ‘0’ by a Clear Status Register com-
mand or a hardware reset. If it is set to ‘1’ it should
be reset before a new Program or Erase command
is issued, otherwise the new command will appear
to fail.
VPP Status (Bit 3). The VPP Status bit can be
used to identify an invalid voltage on the VPP pin
during Program and Erase operations. The VPP
pin is only sampled at the beginning of a Program
or Erase operation. Indeterminate results can oc-
cur if VPP becomes invalid during a Program or
Erase operation.
When the VPP Status bit is ‘0’ the voltage on the
VPP pin was sampled at a valid voltage; when the
VPP Status bit is ‘1’ the VPP pin has a voltage that
is below the VPP Lockout Voltage, VPPLK, the
memory is protected; Program and Erase opera-
tion cannot be performed.
Once the VPP Status bit set to ‘1’ it can only be re-
set to ‘0’ by a Clear Status Register command or a
hardware reset. If it is set to ‘1’ it should be reset
before a new Program or Erase command is is-
sued, otherwise the new command will appear to
fail.
Program Suspend Status (Bit 2). The Program
Suspend Status bit indicates that a Program oper-
ation has been suspended and is waiting to be re-
sumed. The Program Suspend Status should only
be considered valid when the Program/Erase
Controller Status bit is ‘1’ (Program/Erase Control-
ler inactive); after a Program/Erase Suspend com-
mand is issued the memory may still complete the
operation rather than entering the Suspend mode.
When the Program Suspend Status bit is ‘0’ the
Program/Erase Controller is active or has complet-
ed its operation; when the bit is ‘1’ a Program/
Erase Suspend command has been issued and
the memory is waiting for a Program/Erase Re-
sume command.
When a Program/Erase Resume command is is-
sued the Program Suspend Status bit returns to
‘0’.
Block Protection Status (Bit 1). The Block Pro-
tection Status bit can be used to identify if the Pro-
gram or Block Erase operation has tried to modify
the contents of a protected block. When the Block
Protection Status bit is to ‘0’ no Program or Block
Erase operations have been attempted to protect-
ed blocks since the last Clear Status Register
command or hardware reset; when the Block Pro-
tection Status bit is ‘1’ a Program or Block Erase
operation has been attempted on a protected
block.
Once it is set to ‘1’ the Block Protection Status bit
can only be reset to ‘0’ by a Clear Status Register
command or a hardware reset. If it is set to ‘1’ it
should be reset before a new Program or Block
Erase command is issued, otherwise the new
command will appear to fail.
Using the A/A Mux Interface the Block Protection
Status bit is always ‘0’.
Reserved (Bit 0). Bit 0 of the Status Register is
reserved. Its value should be masked.
LOW PIN COUNT (LPC) INTERFACE
CONFIGURATION REGISTERS
When the Low Pin Count Interface is selected sev-
eral additional registers can be accessed. These
registers control the protection status of the Blocks
and read the General Purpose Input pins. See Ta-
ble 14 for an example of the Register Configura-
tion map, valid for the boot memory, i.e. ID0-ID2
floating or driven LOW, VIL and A19-A21 set to ‘1’.
Lock Registers
The Lock Registers control the protection status of
the Blocks. Each Block has its own Lock Register.
Three bits within each Lock Register control the
protection of each block, the Write Lock Bit, the
Read Lock Bit and the Lock Down Bit.
The Lock Registers can be read and written,
though care should be taken when writing as, once
the Lock Down Bit is set, ‘1’, further modifications
to the Lock Register cannot be made until cleared,
to ‘0’, by a reset or power-up.
See Table 15 for details on the bit definitions of the
Lock Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com