Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M50LPW080
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080 Datasheet(HTML) 1 Page - STMicroelectronics

  M50LPW080 Datasheet HTML 1Page - STMicroelectronics M50LPW080 Datasheet HTML 2Page - STMicroelectronics M50LPW080 Datasheet HTML 3Page - STMicroelectronics M50LPW080 Datasheet HTML 4Page - STMicroelectronics M50LPW080 Datasheet HTML 5Page - STMicroelectronics M50LPW080 Datasheet HTML 6Page - STMicroelectronics M50LPW080 Datasheet HTML 7Page - STMicroelectronics M50LPW080 Datasheet HTML 8Page - STMicroelectronics M50LPW080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1/44
August 2004
M50LPW080
8 Mbit (1M x8, Uniform Block)
3V Supply Low Pin Count Flash Memory
FEATURES SUMMARY
■
SUPPLY VOLTAGE
–VCC = 3.0 to 3.6V for Program, Erase and
Read Operations
–VPP = 12V for Fast Program and Fast
Erase (optional)
■
TWO INTERFACES
–
Low Pin Count (LPC) Standard Interface
for embedded operation with PC
Chipsets.
–
Address/Address Multiplexed (A/A Mux)
Interface for programming equipment
compatibility.
■
LOW PIN COUNT (LPC) HARDWARE
INTERFACE MODE
–
5 Signal Communication Interface
supporting Read and Write Operations
–
Hardware Write Protect Pins for Block
Protection
–
Register Based Read and Write
Protection
–
5 Additional General Purpose Inputs for
platform design flexibility
–
Synchronized with 33MHz PCI clock
■
PROGRAMMING TIME
–
10µs typical
–
Quadruple Byte Programming Option
■
16 UNIFORM 64 Kbyte MEMORY BLOCKS
■
PROGRAM/ERASE CONTROLLER
–
Embedded Byte Program and Block/Chip
Erase algorithms
–
Status Register Bits
■
PROGRAM and ERASE SUSPEND
–
Read other Blocks during Program/Erase
Suspend
–
Program other Blocks during Erase
Suspend
■
FOR USE in PC BIOS APPLICATIONS
■
ELECTRONIC SIGNATURE
–
Manufacturer Code: 20h
–
Device Code: 2Fh
Figure 1. Packages
TSOP40 (N)
10 x 20mm
PLCC32 (K)


Similar Part No. - M50LPW080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K STMICROELECTRONICS-M50LPW002K Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K1T STMICROELECTRONICS-M50LPW002K1T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW002K5T STMICROELECTRONICS-M50LPW002K5T Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
More results

Similar Description - M50LPW080

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F080A STMICROELECTRONICS-M29F080A Datasheet
131Kb / 21P
8 Mbit 1Mb x8, Uniform Block Single Supply Flash Memory
30-Mar-2000
M29W017D STMICROELECTRONICS-M29W017D Datasheet
251Kb / 36P
16 Mbit 2Mb x8, Uniform Block 3V Supply Flash Memory
05-Apr-2002
M50FW080 STMICROELECTRONICS-M50FW080 Datasheet
444Kb / 56P
8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
24-Oct-2006
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW040 STMICROELECTRONICS-M50LPW040 Datasheet
272Kb / 36P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
12-Mar-2002
M50LPW041 STMICROELECTRONICS-M50LPW041 Datasheet
268Kb / 37P
4 Mbit 512Kb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M50LPW116 STMICROELECTRONICS-M50LPW116 Datasheet
259Kb / 36P
16 Mbit 2Mb x8, Boot Block 3V Supply Low Pin Count Flash Memory
13-Feb-2003
M29F080D STMICROELECTRONICS-M29F080D Datasheet
252Kb / 36P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
M29F080D STMICROELECTRONICS-M29F080D_05 Datasheet
602Kb / 37P
8 Mbit (1Mb x8, Uniform Block) 5V Supply Flash Memory
19-Sep-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com