Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5480 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 1 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
M5480
LED DISPLAY DRIVER
May 1993
.
3 1/2 DIGIT LED DRIVER (23 segments)
.
CURRENT GENERATOR OUTPUTS (no re-
sistors required)
.
CONTINUOUS BRIGHTNESS CONTROL
.
SERIAL DATA INPUT
.
NO LOAD SIGNAL REQUIRED
.
WIDE SUPPLY VOLTAGE OPERATION
.
TTL COMPATIBILITY
Applications examples
.
MICROPROCESSOR DISPLAYS
.
INDUSTRIAL CONTROL INDICATION
.
RELAY DRIVER
.
INSTRUMENTATION READOUTS
DESCRIPTION
The M5480 is a monolithic MOS integrated circuit
produced with a N-channel silicon gate technology.
It utilizes the M5451 die packaged in a 28-pin
plas-tic package making it ideal for a 3 1/2 digit
dispaly. A single pin controls the LED dispaly bright-
ness by setting a reference current through a vari-
able resistor connected either to VDD or to a
separate supply of 13.2V maximum.
The M5480 is a pin-to-pin replacement of the NS
MM 5480.
DIP-28
(Plastic Package)
ORDER CODE : M5480B7
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
24
23
22
21
11
12
25
13
14
28
27
26
OUTPUT BIT 11
OUTPUT BIT 1
OUTPUT BIT 2
OUTPUT BIT 3
OUTPUT BIT 4
OUTPUT BIT 5
OUTPUT BIT 6
OUTPUT BIT 7
OUTPUT BIT 8
OUTPUT BIT 9
OUTPUT BIT 10
BRIGHTNESS CONTROL
VSS
V
DD
OUTPUT BIT 12
OUTPUT BIT 13
OUTPUT BIT 14
OUTPUT BIT 15
OUTPUT BIT 16
OUTPUT BIT 17
OUTPUT BIT 18
OUTPUT BIT 19
OUTPUT BIT 20
OUTPUT BIT 21
OUTPUT BIT 22
OUTPUT BIT 23
DATA IN
CLOCK IN
PIN CONNECTIONS
1/6


Similar Part No. - M5480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
More results

Similar Description - M5480

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
LED DISPLAY DRIVER
Apr-2000
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
LED DISPLAY DRIVER
May-1993
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
LED DISPLAY DRIVER
09-Jun-2004
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_06 Datasheet
741Kb / 6P
LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
LED DISPLAY DRIVER
14-Apr-2004
logo
Silicon Touch Technolog...
ST2225A SITI-ST2225A Datasheet
318Kb / 12P
LED Display Driver
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
LED Display Driver
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
LED Display Driver
February 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com