Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5480 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 3 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FUNCTIONAL DESCRIPTION
The M5480 is specifically designed to operate 3 1/2
digit alphanumeric displays with minimal interface
with the display and the data source. Serial data
transfer from the data source to the display driver
is accomplished with 2 signals, serial data and
clock. Using a format of a leading "1" followed by
the 35 data bits allows data transfer without an
additional load signal. The 35 data bits are latched
after the 36th bit is complete, thus providing non-
multiplexed, direct drive to the display.
Outputs change only if the serial data bits differ
from the previous time.
Display brightness is determined by control of the
output current for LED displays. A 1nF capacitor
should be connected to brightness control, pin 13,
to prevent possible oscillations.
A block diagram is shown in Figure 1. The output
current is typically 20 times greater than the current
into pin 13, which is set by an external variable
resistor.
There is an internal limiting resistor of 400
Ω nomi-
nal value.
Figure 2 shows the input data format. A start bit of
logical "1" precedes the 35 bits of data. At the 36th
clock a LOAD signal is generated synchronously
with the high state of the clock, which loads the 35
bits of the shift registers into the latches.
At the low state of the clock a RESET signal is
generated which clears all the shift registers for the
next set of data. The shift registers are static mas-
ter-slave configurations. There is no clear for the
master portion of the first register, thus allowing
continuous operation.
36
BIT 34
BIT 35
CLOCK
DATA
LOAD
(INTERNAL)
RESET
(INTERNAL)
START
BIT 1
1
Figure 2 : Input Data Format
STATIC ELECTRICAL CHARACTERISTICS
(Tamb within operating range, VDD = 4.75V to 13.2V, VSS = 0V,unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
4.75
13.2
V
IDD
Supply Current
VDD = 13.2 V
7
mA
VI
Input Voltages
Logical "0" Level
Logical "1" Level
± 10 µA Input Bias
4.75
≤ VDD ≤ 5.25
VDD > 5.25
– 0.3
2.2
VDD – 2
0.8
VDD
VDD
V
V
V
IB
Brightness Input Current (note 2)
0
0.75
mA
VB
Brightness Input Voltage (pin 13)
Input Current = 750
µA, Tamb = 25oC
3
4.3
V
VO(off)
Off State Output Voltage
13.2
18
V
IO
Output Sink Current (note 3)
Segment OFF
Segment ON
VO = 3 V
VO = 1 V (note 4)
Brightness In. = 0
µA
Brightness In. = 100
µA
Brightness In. = 750
µA
0
2
12
2.7
15
10
10
4
25
µA
µA
mA
mA
fclock
Input Clock Frequency
0
0.5
MHz
IO
Output Matching (note 1)
± 20
%
Notes : 1. Output matching is calculated as the percent variation from IMAX + IMIN/2.
2. With a fixed resistor on the brightness input some variation in brightness will occur from one device to another.
3. Absolute maximum for each output should be limited to 40 mA.
4. The VO voltage should be regulated by the user
M5480
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com