Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5480 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 2 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
14
13
35 LATCHES
16
15
35 BIT SHIFT REGISTER
12
17
1
SERIAL
DATA
CLOCK
RESET
LOAD
VDD
OUTPUT
BIT 23
OUTPUT
BIT 1
BRITGHTNESS
CONTROL
1nF
35 OUTPUT BUFERS
BLOCK DIAGRAM (Figure 1)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 15
V
VI
Input Voltage
– 0.3 to 15
V
VO (off)
Off State Output Voltage
15
V
IO
Output Sink Current
40
mA
Ptot
Total Package Power Dissipation at 25
°C
at 85
°C
940
490
mW
mW
Tj
Junction Temperature
150
°C
Toper
Operating Temperature Range
– 25, + 85
°C
Tstg
Storage Temperature Range
– 65, + 150
°C
Stresses in excess of those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions in excess of those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
M5480
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com