Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M5480 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M5480
Description  LED DISPLAY DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M5480 Datasheet(HTML) 4 Page - STMicroelectronics

  M5480 Datasheet HTML 1Page - STMicroelectronics M5480 Datasheet HTML 2Page - STMicroelectronics M5480 Datasheet HTML 3Page - STMicroelectronics M5480 Datasheet HTML 4Page - STMicroelectronics M5480 Datasheet HTML 5Page - STMicroelectronics M5480 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CLOCK
DATA
300ns (min.)
Figure 3
There must be a complete set of 36 clocks or the
shift registers will not clear.
When power is first applied to the chip an internal
power ON reset signal is generated which resets
all registers and all latches. The START bit and the
first clock return the chip to its normal operation.
Figure 3 shows the timing relationships between
Data, and Clock. A maximum clock frequency of
0.5MHz is assumed.
Figure 4 shows the Output Data Format for the
M5480. Because it uses only 23 of the possible
35 outputs, 12 of the bits are "Don’t Care".
For applications where a lesser number of outputs
are used, it is possible to either increase the current
per output, or operate the part at higher than 1V
VOUT.
The following equation can be used for calcula-
tions.
Figure 4 : Serial Data Bus / Outputs Correspondance
5451
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
START
5480
X
23
22
21
20
19
X
X
18
X
17
16
15
14
13
12
X
START
5451
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
START
5480
X
X
X
11
10
9
8
X
X
X
7
6
5
4
3
2
1
X
START
TYPICAL APPLICATION
BASIC 3 1/2 Digit Interface.
23 SEGMENTS
CLOCK
DATA
M5480
DISPLAY DRIVER
VD
VOUT
R
ID
+V C
a)
Tj = [ (VOUT) (ILED) (No.of segments) + VDD . 7 mA
] (132
°C/W) + Tamb
where:
Tj = junction temperature (150
°C max)
VOUT = the voltage at the LED driver outputs
ILED = the LED current
132
°C/W = thermal coefficient of the package
Tamb = ambient temperature
POWER DISSIPATION OF THE IC
The power dissipation of the IC can be limited using
different configurations.
In this application R must be chosen taking into
account the worst operating conditions.
R is determined by the maximum number of seg-
ments activated.
R
=
VC
− VD MAX− VOUT MIN
NMAX
⋅ ID
M5480
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com