Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 40Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 41Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 42Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 43Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 44Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 45Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 46Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 47Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 44
May 11, 2026
RC193xx Datasheet
4.5.17 WRITE_LOCK
Non-clearable SMBus Write Lock Register.
4.5.18 WRITE_LOCK_LOS_EVT
Clearable SMBus Write Lock and LOS Event Register.
2
rx_term1
RW
0x0
Enable internal termination for CLKIN1. Applications requiring receiver
terminations may set this bit to enable internal termination resistors to ground
on both the CLKIN1 and CLKIN1b pins. PCIe applications generally require
Rx_TERM to be 0.
0 = Disable internal termination (PCIe)
1 = Enable internal termination
1
ac_in0
RW
0x0
AC-couple CLKIN0. When AC-coupling the input clock, set this bit to enable
internal bias circuitry on the CLKIN0. This eliminates the need for external bias
components on the CLKIN0 side of the AC-coupling capacitor.
0 = Disable internal bias (DC-coupled)
1 = Enable internal bias (AC-coupled)
0
rx_term0
RW
0x0
Enable internal termination for CLKIN0. Applications requiring receiver
terminations may set this bit to enable internal termination resistors to ground
on both the CLKIN0 and CLKIN0b pins. PCIe applications generally require
Rx_TERM to be 0.
0 = Disable internal termination (PCIe)
1 = Enable internal termination
WRITE_LOCK Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:1
reserved
RW
0x0
Reserved
0
write_lock
RW
0x0
Non-clearable SMBus write lock bit. When written to one, the SMBus control
registers cannot be written. They may be read. This bit can only be cleared by
cycling power.
0 = SMBus writes are not prohibited by WRITE_LOCK
1 = SMBus locked for writing
WRITE_LOCK_LOS_EVT Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description
7:3
reserved
RW1C
0x0
Reserved
2
los1_evt
RW1C
0x0
CLKIN1 LOS event sticky bit. When high, indicates that an LOS event was
detected on CLKIN1. Can be cleared by writing a 1 to it.
0 = No LOS1 event detected
1 = LOS1 event detected.
1
los0_evt
RW1C
0x0
CLKIN0 LOS event sticky bit. When high, indicates that an LOS event was
detected on CLKIN0. Can be cleared by writing a 1 to it.
0 = No LOS event detected
1 = LOS event detected.
0
write_lock_rw1c
RW1C
0x0
Clearable SMBus write lock bit. When written to one, the SMBus control
registers cannot be written. They may be read. This bit can only be cleared by
writing a 1 to it.
0 = SMBus writes are not prohibited by WRITE_LOCK_RW1C
1 = SMBus locked for writing
RECEIVER_CONTROL Bit Field Descriptions
Bit Field
Field Name
Field
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com