Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 49Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 53Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 54Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 55Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 56Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 53
May 11, 2026
RC193xx Datasheet
A.2.2
28-VFQFPN
35
OEb2
Input
-
36
SADR_tri1
Input
-
37
CLK2
Output
-
38
CLKb2
Output
-
39
VDDCLK_0
Power
-
40
CLK1
Output
-
41
CLKb1
Output
-
42
SLEWRATE_SEL [1]
Input
-
43
OEb1
Input
-
44
OEb0
Input
-
45
CLK0
Output
-
46
CLKb0
Output
-
47
VDDCLK_0
Power
-
48
GNDSUB
Power
-
EPAD49
GND
Power
-
1. This pin is AMPLITUDE_SEL for the RC19308A001.
Pin Number
Primary Pin Name
Primary Electrical Type
Alternate Pin Name(s)
1
PWRGD_PWRDNb
Input
-
2
CLKIN0
Input
-
3
CLKINb0
Input
-
4
VDDIN0
Power
-
5
CLKIN1
Input
-
6
CLKINb1
Input
-
7
VDDIN1
Power
-
8
CLKSEL_tri
Input
-
9
OEb6
Input
-
10
CLK6
Output
-
11
CLKb6
Output
-
12
VDDCLK_1
Power
-
13
CLK5
Output
-
14
CLKb5
Output
-
15
SLEWRATE_SEL [1]
1. This pin is AMPLITUDE_SEL for the RC19304A001.
Input
-
16
OEb5
Input
-
17
LOSb
Output
-
18
VDDA
Power
-
19
OEb2
Input
-
20
CLK2
Output
-
21
CLKb2
Output
-
22
VDDCLK_0
Power
-
23
CLK1
Output
-
24
CLKb1
Output
-
25
OEb1
Input
-
26
VDDDIG
Power
-
27
GNDSUB
Power
-
28
ZOUTSEL_tri
Input
-
EPAD29
GND
Power
-
Pin Number
Primary Pin Name
Primary Electrical Type
Alternate Pin Name(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com