Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 21Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 22Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 23Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 24Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 25Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 26Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 27Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 28Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 25
May 11, 2026
RC193xx Datasheet
2.4.5
CLKIN AC/DC Characteristics
Figure 8. Clock Input Bias Network
2.4.6
Skew
Table 22. CLKIN AC/DC Characteristics for DC-Coupled Operation[1]
1. See the Additive Phase Jitter tables for values required for performance. The CLKIN is designed for a ground-referenced differential input where
the cross over voltage is approximately half of the swing. For example, a differential clock with a VOH of 1.2V would ideally have a crossover
voltage of approximately 600mV. For applications where the input clock is not ground-referenced (LVPECL for example), the input clock needs to
be AC-coupled and re-biased. Each RC193xx CLKIN has an internal bias circuit that may be enabled as well as internal terminations that may also
be enabled. This reduces external components for such scenarios to a single external AC-coupling capacitor. See the RECEIVER_CONTROL
register for details.
Symbol
Parameter
Condition
Minimum
Typical
Maximum
Unit
VIHMAX
Maximum Input Voltage
Single-ended value.
-
-
1.2
V
VCROSS
Input Crossover Voltage
LOW_LOW_DETECT enabled
(default value). [2]
2. Low/Low is an invalid differential state.
LOW_LOW_DETECT allows the receiver turn itself off when such a condition is detected
131
-
-
mV
LOW_LOW_DETECT disabled.
100
-
-
mV
VSWING
Input Swing [3]
3. Differential value.
LOW_LOW_DETECT enabled
(default value). [2]
528
-
-
mV
LOW_LOW_DETECT disabled.
200
-
-
mV
dv/dt
Input Slew Rate [3][4]
4. Measured from -150mV to +150mV on the differential waveform (derived from REFCLK+ minus REFCLK-). The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero-crossing.
-
0.6
-
-
V/ns
Table 23. Output-to-Output and Input-to-Output Skew [1]
1. See Test Loads.
Symbol
Parameter
Conditions
Minimum
Typical
Maximum Unit
tSK
Output-to-Output
Skew [2]
2. This parameter is defined in accordance with JEDEC Standard 65.
Any two outputs in the same Bank.
-
14
50
ps
Any two outputs regardless of Bank.[3]
3. Output banks sourced from the same input. CLKSEL_tri = 0 or 1.
-
25
60
ps
tPD
Input-to-Output
Delay [4]
4. Defined as the time between to output rising edge and the input rising edge that caused it.
Clock in to any output. Double-terminated.
0.9
1.1
1.3
ns
Clock in to any output. Source-terminated.
0.9
1.1
1.7
ns
tPD
Input-to-Output
Delay Variation [3]
A single device, over temperature and voltage.
-
1.3
2
ps/°C
CLKIN
CLKINb
~500mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com