Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC19302A00AGNT#KD0 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # RC19302A00AGNT#KD0
Description  PCIe Gen7 1.8V 2-Input Clock Mux Family with LOS
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC19302A00AGNT#KD0 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button RC19302A00AGNT#KD0 Datasheet HTML 47Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 48Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 49Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 50Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 51Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 52Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 53Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 54Page - Renesas Technology Corp RC19302A00AGNT#KD0 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 62 page
background image
R31DS0210EU0106 Rev.1.06
Page 51
May 11, 2026
RC193xx Datasheet
8. Ordering Information
9. Revision History
RC19302A
▪ Lines 1 and 2 comprise the part number (RC excluded).
▪ Line 2: “***” indicates the assembly lot number.
▪ Line 3:
• “$” indicates the mark code.
• “YWW” indicates the last digit of the year and work week the part
was assembled.
Table 36. Ordering Information
Part Number
Carrier Type
Pin Function
Option
Number of
Outputs
Package
Temperature
Range
RC19308AGNA#BB0
Tray
Slew Rate
Selection
8
6 × 6 mm, 0.4mm pitch
48-VFQFPN
-40 to +105°C
RC19308AGNA#KB0
Tape and Reel (EIA-481-D)
RC19308A001GNA#BB0
Tray
Amplitude
Selection
RC19308A001GNA#KB0
Tape and Reel (EIA-481-D)
RC19304AGNL#BB0
Tray
Slew Rate
Selection
4
4 × 4 mm, 0.4mm pitch
28-VFQFPN
-40 to +105°C
RC19304AGNL#KB0
Tape and Reel (EIA-481-D)
RC19304A001GNL#BB0
Tray
Amplitude
Selection
RC19304A001GNL#KB0
Tape and Reel (EIA-481-D)
RC19302AGNT#BD0
Tray
N/A
2
3 × 3 mm, 0.4mm pitch
20-VFQFPN
-40 to +105°C
RC19302AGNT#KD0
Tape and Reel (EIA-481-D)
RC19302A00AGNT#BD0
Tray
Async Mode
RC19302A00AGNT#KD0
Tape and Reel (EIA-481-D)
Revision
Date
Description
1.06
May 11, 2026
▪ Added a caution statement to Absolute Maximum Ratings
1.05
Mar 30, 2026
▪ Completed a minor update to note 2 in Figure 2
▪ Updated the Type and Description information for the ZOUTSEL_tri pin in Table 1, Table 2, and
Table 3
▪ Completed minor changes to Table 13
1.04
Dec 17, 2025
▪ Updated Table 13
▪ Added new part numbers (RC19302A00AGNT#BD0 and RC19302A00AGNT#KD0) to Table 36
1.03
Nov 11, 2025
▪ Deleted non-applicable parameter description information from Table 7 to Table 12
1.02
Sep 12, 2025
▪ Added footnote 3 to Table 23
▪ Added ECAD Design Information
1.01
Jun 28, 2025
Added PCB Layout Recommendations
1.00
Apr 4, 2025
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com