Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080NB5TG Datasheet(PDF) 17 Page - STMicroelectronics

Part # M50FW080NB5TG
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080NB5TG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M50FW080NB5TG Datasheet HTML 13Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 14Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 15Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 16Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 17Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 18Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 19Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 20Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
M50FW080
Bus operations
17/55
3
Bus operations
The two interfaces have similar bus operations but the signals and timings are completely
different. The Firmware Hub (FWH) Interface is the usual interface and all of the functionality
of the part is available through this interface. Only a subset of functions are available
through the Address/Address Multiplexed (A/A Mux) Interface.
See the sections: The Firmware Hub (FWH) bus operations and Address/Address
Multiplexed (A/A Mux) bus operations, for details of the bus operations on each interface.
3.1
Firmware Hub (FWH) bus operations
The Firmware Hub (FWH) Interface consists of four data signals (FWH0-FWH3), one control
line (FWH4) and a clock (CLK). In addition protection against accidental or malicious data
corruption can be achieved using two further signals (TBL and WP). Finally two reset
signals (RP and INIT) are available to put the memory into a known state.
The data signals, control signal and clock are designed to be compatible with PCI electrical
specifications. The interface operates with clock speeds up to 33MHz.
The following operations can be performed using the appropriate bus cycles: Bus Read, Bus
Write, Standby, Reset and Block Protection.
3.1.1
Bus Read
Bus Read operations read from the memory cells, specific registers in the Command
Interface or Firmware Hub Registers. A valid Bus Read operation starts when Input
Communication Frame, FWH4, is Low, VIL, as Clock rises and the correct Start cycle is on
FWH0-FWH3. On the following clock cycles the Host will send the Memory ID Select,
Address and other control bits on FWH0-FWH3. The memory responds by outputting Sync
data until the wait-states have elapsed followed by Data0-Data3 and Data4-Data7.
See Table 4 and Figure 6, for a description of the Field definitions for each clock cycle of the
transfer. See Table 22 and Figure 11, for details on the timings of the signals.
3.1.2
Bus Write
Bus Write operations write to the Command Interface or Firmware Hub Registers. A valid
Bus Write operation starts when Input Communication Frame, FWH4, is Low, VIL, as Clock
rises and the correct Start cycle is on FWH0-FWH3. On the following Clock cycles the Host
will send the Memory ID Select, Address, other control bits, Data0-Data3 and Data4-Data7
on FWH0-FWH3. The memory outputs Sync data until the wait-states have elapsed.
See Table 5 and Figure 7, for a description of the Field definitions for each clock cycle of the
transfer. See Table 22 and Figure 11, for details on the timings of the signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com