Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080NB5TG Datasheet(PDF) 43 Page - STMicroelectronics

Part # M50FW080NB5TG
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080NB5TG Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M50FW080NB5TG Datasheet HTML 39Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 40Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 41Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 42Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 43Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 44Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 45Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 46Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
M50FW080
DC and AC parameters
43/55
Figure 13.
A/A Mux interface Read AC waveforms
AI03406
tAVAV
tCLAX
tCHAX
tGLQX
tGLQV
tGHQX
VALID
A0-A10
G
DQ0-DQ7
RC
tCHQV
tGHQZ
COLUMN ADDR VALID
W
RP
tPHAV
ROW ADDR VALID
NEXT ADDR VALID
tAVCL
tAVCH
Table 24.
A/A Mux interface Read AC characteristics
Symbol
Parameter
Test Condition
Value
Unit
tAVAV
Read Cycle Time
Min
250
ns
tAVCL
Row Address Valid to RC Low
Min
50
ns
tCLAX
RC Low to Row Address Transition
Min
50
ns
tAVCH
Column Address Valid to RC high
Min
50
ns
tCHAX
RC High to Column Address Transition
Min
50
ns
tCHQV
(1)
RC High to Output Valid
Max
150
ns
tGLQV
(1)
Output Enable Low to Output Valid
Max
50
ns
tPHAV
RP High to Row Address Valid
Min
1
µs
tGLQX
Output Enable Low to Output Transition
Min
0
ns
tGHQZ
Output Enable High to Output Hi-Z
Max
50
ns
tGHQX
Output Hold from Output Enable High
Min
0
ns
1.
G may be delayed up to tCHQV – tGLQV after the rising edge of RC without impact on tCHQV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com