Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080NB5TG Datasheet(PDF) 55 Page - STMicroelectronics

Part # M50FW080NB5TG
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080NB5TG Datasheet(HTML) 55 Page - STMicroelectronics

Back Button M50FW080NB5TG Datasheet HTML 48Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 49Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 50Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 51Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 52Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 53Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 54Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 55Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
M50FW080
Revision history
55/55
12
Revision history
Table 30.
Document revision history
Date
Version
Changes
April 2001
-01
First Issue
18-May-2001
-02
Document type: from Product Preview to Preliminary Data
22-Jun-2001
-03
PLCC32 package added
6-Jul-2001
-04
Note 2 changed (Table 15, Absolute Maximum Ratings)
30-Jan-2002
-05
Document promoted from Preliminary Data to Full Data Sheet
01-Mar-2002
-06
RFU pins must be left disconnected
12-Mar-2002
-07
Specification of PLCC32 package mechanical data revised
19-May-2004
8.0
TSOP32 package added. Part numbering information updated. Flow-
chart illustrations, in Appendix, updated. Document reformatted
19-Aug-2004
9.0
Pins 2 and 5 of the TSOP32 Connections illustration corrected
24-Oct-2006
10
Document converted to new ST template. Small text changes.
Device Grade 1 removed. Packages are ECOPACK® compliant. TLEAD
removed from Table 15: Absolute maximum ratings.
Blank option removed from below Plating Technology in Table 29:
Ordering information scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com