Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50FW080NB5TG Datasheet(PDF) 49 Page - STMicroelectronics

Part # M50FW080NB5TG
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW080NB5TG Datasheet(HTML) 49 Page - STMicroelectronics

Back Button M50FW080NB5TG Datasheet HTML 45Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 46Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 47Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 48Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 49Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 50Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 51Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 52Page - STMicroelectronics M50FW080NB5TG Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
M50FW080
Flowcharts and pseudo codes
49/55
Appendix A
Flowcharts and pseudo codes
Figure 18.
Program flowchart and pseudo code
1.
A Status check of SR1 (Protected Block), SR3 (VPP invalid) and SR4 (Program Error) can be made after
each Program operation by following the correct command sequence.
2.
If an error is found, the Status Register must be cleared before further Program/Erase Controller
operations.
Write 40h or 10h
AI08425B
Start
Write Address
and Data
Read Status
Register
YES
NO
SR7 = 1
YES
NO
SR3 = 0
NO
SR4 = 0
VPP Invalid
Error (1, 2)
Program
Error (1, 2)
Program command:
– Write 40h or 10h
– Write Address and Data
(memory enters read status state after
the Program command)
do:
– Read Status Register
– If SR7=0 and a Program/Erase Suspend
command has been executed
– SR7 is set to 1
– Enter suspend program loop
If SR3 = 1,
– Enter the "VPP invalid" error handler
If SR4 = 1,
– Enter the "Program error" error handler
YES
End
YES
NO
SR1 = 0
Program to Protected
Block Error (1, 2)
If SR1 = 1,
– Enter the "Program to protected
block" error handler
Suspend
Suspend
Loop
NO
YES
FWH/LPC
Interface
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com