Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC66 Datasheet(PDF) 8 Page - Microchip Technology

Part # 93LC66
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 8 Page - Microchip Technology

Back Button 93LC66 Datasheet HTML 4Page - Microchip Technology 93LC66 Datasheet HTML 5Page - Microchip Technology 93LC66 Datasheet HTML 6Page - Microchip Technology 93LC66 Datasheet HTML 7Page - Microchip Technology 93LC66 Datasheet HTML 8Page - Microchip Technology 93LC66 Datasheet HTML 9Page - Microchip Technology 93LC66 Datasheet HTML 10Page - Microchip Technology 93LC66 Datasheet HTML 11Page - Microchip Technology 93LC66 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DS00560D-page 8
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
0125
BITOUT
0126
001C
07CA
btfss
eeprom,do
; check state of data bit
0127
001D
0A20
goto
bitlow
; low, goto bitlow
0128
001E
05C6
bsf
port_b,datin
; high, set datain high
0129
001F
0A21
goto
clkout
; and clock it
0130
;
0131
0020
04C6
bitlow
bcf
port_b,datin
; output a logic low
0132
0021
05A6
clkout
bsf
port_b,sclk
; set clock line high
0133
0022
0000
nop
0134
0023
04A6
bcf
port_b,sclk
; return clock line low
0135
0024
0800
retlw
0
0136
;
0137
;****************************************************************
0138
;
Transmit Data Subroutine
0139
;
This routine takes the byte of data stored in the
0140
;
‘datao’ register and transmits it to the serial EE device.
0141
;****************************************************************
0142
TX
0143
0025
0212
movf
bits,w
; set the number of bits to xmit
0144
0026
0031
movwf
count
0145
;
0146
TXLP
0147
0027
04CA
bcf
eeprom,do
; assume bit 7 is low
0148
0028
06F0
btfsc
txbuf,7
; is bit 7 clear?
0149
0029
05CA
bsf
eeprom,do
; no, set data bit =1
0150
002A
091C
call
BITOUT
; transmit 1 bit to serial EE
0151
002B
0370
rlf
txbuf
; rotate txbuf left
0152
002C
02F1
decfsz
count
; all bits done?
0153
002D
0A27
goto
TXLP
; no, do another bit
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:06 1994
Page 4
Line
PC
Opcode
0154
002E
0800
retlw
0
; yes, jump out
0155
;
0156
;****************************************************************
0157
;
POWER-UP ROUTINE
0158
;
This is the program entry point, which in this case simply
0159
;
sets the port_a I/O lines and directs control to the
0160
;
erase/write enable routine.
0161
;*****************************************************************
0162
PWRUP
0163
;
0164
002F
0C00
movlw
b’00000000'
0165
0030
0005
tris
port_a
; set port_a as all output
0166
0031
0065
clrf
port_a
; all lines low
0167
0168
0032
0C80
movlw
b’10000000'
0169
0033
0006
tris
port_b
; set RB7 as input, rest output;
0170
;
0171
;
Fall through and do erase/write enable
0172
;
0173
;****************************************************************
0174
;
EWEN (Erase/Write ENable Routine)
0175
;
this routine enables the dut for erasing and
0176
;
writing. This must be done prior to any erase,write
0177
;
eral,wral instructions.
0178
;****************************************************************
0179
EWEN
0180
;
0181
0034
090E
call
BSTART
; generate a start bit
0182
;
0183
0035
0C02
movlw
.2
; set # bits to 2
0184
0036
0032
movwf
bits
;
0185
0037
0C00
movlw
b’00000000'
; get the opcode (00b)
0186
0038
0030
movwf
txbuf
; into the output buffer
0187
0039
0925
call
TX
; and transmit it
0188
003A
0C08
movlw
.8
; set # bits to 8
8-106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com