Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC66 Datasheet(PDF) 16 Page - Microchip Technology

Part # 93LC66
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 16 Page - Microchip Technology

Back Button 93LC66 Datasheet HTML 12Page - Microchip Technology 93LC66 Datasheet HTML 13Page - Microchip Technology 93LC66 Datasheet HTML 14Page - Microchip Technology 93LC66 Datasheet HTML 15Page - Microchip Technology 93LC66 Datasheet HTML 16Page - Microchip Technology 93LC66 Datasheet HTML 17Page - Microchip Technology 93LC66 Datasheet HTML 18Page - Microchip Technology 93LC66 Datasheet HTML 19Page - Microchip Technology 93LC66 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DS00560D-page 16
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:20 1994
Page 1
Line
PC
Opcode
0001
LIST P=16C54,c=132
0002
;****************************************************************
0003
;
3-Wire Sequential Read Program (93 bytes)
0004
;
0005
;
This program demonstrates how to interface a
0006
;
Microchip PIC16C54 to a 93LC56 or 93LC66 Serial EE
0007
;
device.
This program will read 8 consecutive addresses
0008
;
in the ‘sequential read’ mode.
This means that the opcode
0009
;
and address are sent for the first address only.
After
0010
;
the first address is read, the Chip Select line is left
0011
;
high and clocks for the remaining 7 bytes are sent to the
0012
;
device. The device will automatically increment the address
0013
;
pointer in this mode, allowing the user to read as many
0014
;
consecutive addresses as needed. This program will repeat
0015
;
forever.
0016
;
0017
;
This program communicates to the serial EE in the
0018
;
x16 mode, and ASSUMES THE USER HAS SET THE ORG PIN
0019
;
ON THE DEVICE TO Vcc.
0020
;
0021
;
Timing is based on using the PIC16C54 in ‘XT’ mode
0022
;
using a 4MHz crystal.
Clock speeds to the serial EE
0023
;
will be approximately 50 kHz for this setup.
0024
;
0025
;
PIC16C54 to Serial EE Connections:
0026
;
0027
;
PIC16C54
Serial EE
0028
;
——————
——————
0029
;
Pin 10 (RB4) —> Chip Select
0030
;
Pin 11 (RB5) —> Clock
0031
;
Pin 12 (RB6) —> Data In
0032
;
Pin 13 (RB7) —> Data Out
0033
;
ORG = Vcc
0034
;
0035
;************************************************************
0036
;
Register Assignments
0037
;************************************************************
0038
0003
status
equ
3h
; status register
0039
0005
port_a
equ
5h
; port 5 (port_a)
0040
0006
port_b
equ
6h
; port 6 (port b) used comm lines to serial EE
0041
000A
eeprom
equ
0ah
; bit buffer
0042
000C
addr
equ
0ch
; address register
0043
000D
datai
equ
0dh
; stored data input reg.
0044
000E
datao
equ
0eh
; stored data output reg.
0045
0010
txbuf
equ
10h
; transmit buffer
0046
0011
count
equ
11h
; bits transmitted so far
0047
0012
bits
equ
12h
; bits to transmit
0048
0013
bytcnt
equ
13h
; byte counter for read routine
0049
0015
loops
equ
15h
; delay loop counter
0050
0016
loops2
equ
16h
; delay loop counter
0051
0017
hbyte
equ
17h
; high byte for input data
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:20 1994
Page 2
Line
PC
Opcode
0052
0018
lbyte
equ
18h
; low byte for input data
0053
;************************************************************
0054
;
Bit Assignments
0055
;************************************************************
0056
0007
di
equ
7
; eeprom input
0057
0006
do
equ
6
; eeprom output
0058
0007
datout
equ
7
; data out line (port_b)
0059
0006
datin
equ
6
; data in line (port_b)
0060
0005
sclk
equ
5
; clock line (port_b)
8-114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com