Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC66 Datasheet(PDF) 13 Page - Microchip Technology

Part # 93LC66
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 13 Page - Microchip Technology

Back Button 93LC66 Datasheet HTML 9Page - Microchip Technology 93LC66 Datasheet HTML 10Page - Microchip Technology 93LC66 Datasheet HTML 11Page - Microchip Technology 93LC66 Datasheet HTML 12Page - Microchip Technology 93LC66 Datasheet HTML 13Page - Microchip Technology 93LC66 Datasheet HTML 14Page - Microchip Technology 93LC66 Datasheet HTML 15Page - Microchip Technology 93LC66 Datasheet HTML 16Page - Microchip Technology 93LC66 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
© 1994 Microchip Technology Inc.
DS00560D-page 13
Using the 93LC56 and 93LC66
8
0125
;
BITOUT routine
0126
;
This routine takes one bit of data in ‘do’ and
0127
;
transmits it to the serial EE device
0128
;*************************************************************
0129
BITOUT
0130
0013
07CA
btfss
eeprom,do
; check state of data bit
0131
0014
0A17
goto
bitlow
; low, goto bitlow
0132
0015
05C6
bsf
port_b,datin
; high, set datain high
0133
0016
0A18
goto
clkout
; and clock it
0134
;
0135
0017
04C6
bitlow
bcf
port_b,datin
; output a logic low
0136
0018
05A6
clkout
bsf
port_b,sclk
; set clock line high
0137
0019
0000
nop
0138
001A
04A6
bcf
port_b,sclk
; return clock line low
0139
001B
0800
retlw
0
0140
;
0141
;****************************************************************
0142
;
Transmit Data Subroutine
0143
;
This routine takes the byte of data stored in the
0144
;
‘datao’ register and transmits it to the serial EE device.
0145
;****************************************************************
0146
TX
0147
001C
0212
movf
bits,w
; set the number of bits to xmit
0148
001D
0031
movwf
count
0149
;
0150
TXLP
0151
001E
04CA
bcf
eeprom,do
; assume bit 7 is low
0152
001F
06F0
btfsc
txbuf,7
; is bit 7 clear?
0153
0020
05CA
bsf
eeprom,do
; no, set data bit =1
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:00 1994
Page 4
Line
PC
Opcode
0154
0021
0913
call
BITOUT
; transmit 1 bit to serial EE
0155
0022
0370
rlf
txbuf
; rotate txbuf left
0156
0023
02F1
decfsz
count
; all bits done?
0157
0024
0A1E
goto
TXLP
; no, do another bit
0158
0025
0800
retlw
0
; yes, jump out
0159
;
0160
;****************************************************************
0161
;
POWER-UP ROUTINE
0162
;
This is the program entry point, which in this case simply
0163
;
sets the port_a I/O lines and directs control to the
0164
;
erase/write enable routine.
0165
;*****************************************************************
0166
PWRUP
0167
;
0168
0026
0C00
movlw
b’00000000'
0169
0027
0005
tris
port_a
; set port_a as all output
0170
0028
0065
clrf
port_a
; all lines low
0171
0172
0029
0C80
movlw
b’10000000'
0173
002A
0006
tris
port_b
; set RB7 as input, rest output;
0174
;
0175
;
Fall through and do erase/write enable
0176
;
0177
;****************************************************************
0178
;
EWEN (Erase/Write ENable Routine)
0179
;
this routine enables the dut for erasing and
0180
;
writing. This must be done prior to any erase,write
0181
;
eral,wral instructions.
0182
;****************************************************************
0183
EWEN
0184
;
0185
002B
0907
call
BSTART
; generate a start bit
0186
;
0187
002C
0C02
movlw
.2
; set # bits to 2
0188
002D
0032
movwf
bits
;
8-111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com