Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC66 Datasheet(PDF) 14 Page - Microchip Technology

Part # 93LC66
Description  Lowpower 3-wire non-volatile memories
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66 Datasheet(HTML) 14 Page - Microchip Technology

Back Button 93LC66 Datasheet HTML 10Page - Microchip Technology 93LC66 Datasheet HTML 11Page - Microchip Technology 93LC66 Datasheet HTML 12Page - Microchip Technology 93LC66 Datasheet HTML 13Page - Microchip Technology 93LC66 Datasheet HTML 14Page - Microchip Technology 93LC66 Datasheet HTML 15Page - Microchip Technology 93LC66 Datasheet HTML 16Page - Microchip Technology 93LC66 Datasheet HTML 17Page - Microchip Technology 93LC66 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
DS00560D-page 14
© 1994 Microchip Technology Inc.
Using the 93LC56 and 93LC66
0189
002E
0C00
movlw
b’00000000'
; get the opcode (00b)
0190
002F
0030
movwf
txbuf
; into the output buffer
0191
0030
091C
call
TX
; and transmit it
0192
0031
0C08
movlw
.8
; set # bits to 8
0193
0032
0032
movwf
bits
;
0194
0033
0CC0
movlw
b’11000000'
; get opcode and address
0195
;
(11XXXXXX)
0196
0034
0030
movwf
txbuf
; into output buffer
0197
0035
091C
call
TX
; and transmit it
0198
0036
0486
bcf
port_b,chpsel
; set chip select line low
0199
0037
0000
nop
0200
;
0201
;
Now continue on to the write command
0202
;
0203
;**************************************************************
0204
;
WRITE
16c5x/7x Cross-Assembler V4.12 Released
Mon Jun 06 10:49:00 1994
Page 5
Line
PC
Opcode
0205
;
This routine writes a AA55h pattern into
0206
;
8 consecutive addresses starting at address 00.
0207
;
It will then ‘poll’ the data out line to determine
0208
;
when the write cycle is complete.
If the cycle has
0209
;
not completed within 20 ms, then it will continue
0210
;
anyway and turn the timeout fail LED on.
0211
;
The write is done in the x16 mode: the user must
0212
;
have the ORG pin tied to Vcc on the device. This
0213
;
program will repeat forever.
0214
;****************************************************************
0215
WRITE
0216
;
0217
0038
0C00
movlw
.0
; set starting address to 00
0218
0039
002C
movwf
addr
;
0219
003A
0C08
movlw
.8
; set number of bytes to write as 8
0220
003B
0033
movwf
bytcnt
;
0221
;
0222
003C
0907
topwr
call
BSTART
; generate the start bit
0223
;
0224
003D
0C02
movlw
.2
; set # bits to 2 for the opcode
0225
003E
0032
movwf
bits
;
0226
003F
0C40
movlw
b’01000000'
; get opcode (01b)
0227
0040
0030
movwf
txbuf
; into the transmit buffer
0228
0041
091C
call
TX
; and send it
0229
;
0230
0042
0C08
movlw
.8
; set # of bits to 8 for the
0231
0043
0032
movwf
bits
; address
0232
0044
020C
movf
addr,w
; get address counter
0233
0045
0030
movwf
txbuf
; into output buffer
0234
0046
091C
call
TX
; and send it
0235
0047
0CAA
movlw
b’10101010'
; get first half of data (AAh)
0236
0048
0030
movwf
txbuf
; into the transmit buffer
0237
0049
091C
call
TX
; and send it
0238
004A
0C55
movlw
b’01010101'
; get second half of data (55h)
0239
004B
0030
movwf
txbuf
; into transmit buffer
0240
004C
091C
call
TX
; and send it
0241
;
0242
004D
0486
bcf
port_b,chpsel ; clear the chip select line
0243
; to initiate write cycle
0244
004E
0000
nop
0245
004F
0586
bsf
port_b,chpsel ; set the chip sel line high
0246
; to begin data polling
0247
0050
0CC8
movlw
.200
;
0248
0051
0035
movwf
loops
; poll 100 times before timeout(about 20ms)
0249
0052
0901
polltop
call
dpdelay
; wait 100us
0250
0053
06E6
btfsc
port_b,datout ; is the data out line high?
0251
0054
0A59
goto
okpoll
; yes-cycle complete: do another
0252
0055
02F5
decfsz
loops
; has it timed out?
8-112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com