Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC162B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SC162B
Description  A dot-matrix character LCD module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC162B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SC162B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 9Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 10Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 11Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 12Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 13Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SC162B
VER2.1
AKIHABARA INC. www.akiba-tech.com
Page 11 of 17
c.7) Set Character Generator RAM Address
RS
R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
1
a
a
a
a
a
a
It sets character generator RAM address (aaaaaa)2 to the address counter. Character generator RAM data can read or
write after this setting.
c.8) Set Display Data RAM Address
RS
R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
a
a
a
a
a
a
a
It sets display data RAM address (aaaaaaa)2 to the address counter.
Display data RAM can read or write after this setting.
In one-line display (N = 0), (aaaaaaa)2; (OO)16 - (4F)16
In two-line display (N = 1), (aaaaaaa)2: (00)16 - (27)16,gfor the first line,
(aaaaaaa)2: (40)16 - (67)16,gfor the second line.
c.9) Read Busy Flag and Address
RS
R/W
D7
D6
D5
D4
D3
D2
D1
D0
0
1
BF
a
a
a
a
a
a
a
When (BF = 1) indicates that the system is busy now, it will not accept any instruction until no busy (BF = 0). At the
same time, the address counter content’
s (aaaaaaa)2; is read out.
c.10) Write Data to Character Generator RAM or Display Data RAM
RS
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
0
d
d
d
d
d
d
d
d
It writes data (dddddddd)2 to character generator RAM or display data RAM.
c.11) Read Data from Character Generator RAM or Display Data RAM
RS
R/W
D7
D6
D5
D4
D3
D2
D1
D0
1
1
d
d
d
d
d
d
d
d
It reads data (dddddddd)2 from character generator RAM or display data RAM. To get the correct data readout is shown
below:
(ⅰ)Set the address of the character generator RAM or display data RAM or shift the cursor instruction.
(ii) Send the “Read “instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com