Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC162B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC162B
Description  A dot-matrix character LCD module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC162B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC162B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SC162B
VER2.1
AKIHABARA INC. www.akiba-tech.com
Page 2 of 17
CONTENT
1. General description --------------------------------------------------------------------------3
2. Maximum absolute limit---------------------------------------------------------------------3
3. Mechanical characteristics------------------------------------------------------------------3
a) Physical data
b) External dimensions
4. Electrical characteristics---------------------------------------------------------------------4
a) DC characteristics
b) AC characteristics
c) EL backlight
d) LED backlight
5. Operating Principles--------------------------------------------------------------------------7
a) Pin description
b) Block diagram
c) Instruction description
6. Operating Methods---------------------------------------------------------------------------13
a) Interface with MPU
b) Power supply
c) Operating example


Similar Part No. - SC162B

ManufacturerPart #DatasheetDescription
logo
GardTec, Inc.
SC162-P10 GARDTEC-SC162-P10 Datasheet
25Kb / 1P
Thru-hole Plastic
SC162-W1 GARDTEC-SC162-W1 Datasheet
368Kb / 1P
C1008 Steel
SC162-W10 GARDTEC-SC162-W10 Datasheet
378Kb / 1P
C1008 Steel
SC162-W12 GARDTEC-SC162-W12 Datasheet
388Kb / 1P
C1008 Steel
SC162-W13 GARDTEC-SC162-W13 Datasheet
397Kb / 1P
C1008 Steel
More results

Similar Description - SC162B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD1620BLY ETC1-GMD1620BLY Datasheet
1Mb / 19P
STANLEY DOT MATRIX CHARACTER TYPE LCD MODULE
SC204A ETC2-SC204A Datasheet
1Mb / 16P
A dot-matrix character LCD module
logo
LUMEX INC.
LCM-S01601DSF LUMEX-LCM-S01601DSF Datasheet
113Kb / 2P
6.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x1 LCD MODULE
LCM-S01602DXX-B LUMEX-LCM-S01602DXX-B Datasheet
97Kb / 2P
5.56mm CHARACTER HEIGHT , 5x8 DOT MATRIX, 16x2 LCD MODULE
LCM-S02002DSF LUMEX-LCM-S02002DSF Datasheet
169Kb / 2P
5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 LCD MODULE
LCM-S02402DSR LUMEX-LCM-S02402DSR Datasheet
161Kb / 2P
5.56mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 24x2 CHARACTER LCD MODULE
logo
List of Unclassifed Man...
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
CHARACTER TYPE DOT MATRIX LCD MODULE
logo
LUMEX INC.
LCM-S04002DSF-Y1P LUMEX-LCM-S04002DSF-Y1P Datasheet
104Kb / 2P
5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x2 CHARACTER LCD MODULE
LCM-S04004DSF LUMEX-LCM-S04004DSF Datasheet
117Kb / 2P
4.89mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 40x4 LCD CHARACTER MODULE
LCR-U02002DSF-H LUMEX-LCR-U02002DSF-H Datasheet
223Kb / 2P
5.55mm CHARACTER HEIGHT, 5x8 DOT MATRIX, 20x2 CHARACTER LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com