Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC162B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC162B
Description  A dot-matrix character LCD module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC162B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC162B Datasheet HTML 1Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 2Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SC162B
VER2.1
AKIHABARA INC. www.akiba-tech.com
Page 6 of 17
Long life time 100000 hours (average).
No noise occurrence.
Various color of yellow-green and amber etc.
Operating characteristics
(2)
Electrical Characteristics (Reference Data)
Forward Current Derating Curve
Wave Length vs. relative Light intensity
100%
forward
current (If) 20%
-20
25
70℃
Note : The above spec . are only for reference
TIMING CHARACTERISICS
DB0~DB7
R/W
RS
tr
th1
tsu2
tc
Valid Data
th2
tw
tf
th1
E
tsu1
Write Timing
tsu
E
DB0~DB7
R/W
RS
tr
th
tc
Valid Data
td
tdh
tw
tf
th
Read Timing
100
50
0
520 540 560 580 600 620 640 660 680 700
L:
YELLOW-GREEN
A:
AMBER
A
L
Relative Light
Intensity (
(%)
Wave Length (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com