Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC162B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC162B
Description  A dot-matrix character LCD module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC162B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SC162B Datasheet HTML 3Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 4Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 5Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 6Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 7Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 8Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 9Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 10Page - List of Unclassifed Manufacturers SC162B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SC162B
VER2.1
AKIHABARA INC. www.akiba-tech.com
Page 8 of 17
g. Display Data (DD) RAM: This display data RAM is used to store the display data expressed by 8-bit
character code . The capacity is 80x 8bits and data for 80 characters can be storage.
h. Cursor and Blink Control Circuit: This circuit generates the cursor and blink.
RAM's address and the LCD's position shown bellows.
Display Character address code:
Display position
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
DDRAM Address
40
41
42
43
44
45
46
47
48
49
4A
4B
4C
4D
4E
4F
Relationship between Character Code (DDRAM) and character Pattern (CGRAM)
Character code DD RAM Data
CG RAM Address
Character Pattern CG RAM Data
B7
B6
B5
B4
B3
B2
B1
B0
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
1
1
1
1
1
0
0
1
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
1
0
0
1
0
0
1
0
0
0
0
1
0
0
1
0
1
0
0
1
0
0
1
1
0
0
0
1
0
0
0
0
0
0
x
0
0
0
0
0
0
1
1
1
x
x
x
0
0
0
0
0
0
0
0
0
1
1
1
0
0
0
1
0
0
1
0
0
0
1
0
0
0
1
0
0
0
1
1
0
0
1
0
0
1
0
0
0
0
1
0
0
1
0
1
0
0
1
0
0
1
1
0
0
1
1
1
0
0
0
0
0
x
0
0
1
0
0
1
1
1
1
x
x
x
0
0
0
0
0
1.
▆ It means that the bit0~2 of the character code correspond to the bit3~5 of the CG RAM address.
2. ▆ these areas are not used for display, but can be used for the general data RAM.
3. When all of the bit4-7 of the character code is 0, CG RAM character patterns are selected.
4. " 1 ": Selected," 0 ": No selected," X": Do not care (0 or 1).
5. for example (1), to set character code (b2 = b1 = b0 = 0, b3 = 0 or 1, b7-b4 = 0) is to display" T". That
means character code (00)16, and (08)16 can display" T”character.
6. The bits 0-2 of the character code RAM is character pattern line position. The 8th line is the cursor
position and display is formed by logical OR with the cursor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com