Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CF320 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DFBM-CF320
Description  A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DFBM-CF320 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DFBM-CF320 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DFBM-CF320
Data Sheet
Jan 12, 2007
Proprietary Information and Specifications are Subject to Change
General Specification
Bluetooth Specification
Version 2.0+EDR
Frequency
2402~2480MHz
Modulation
GFSK/DQPSK/8DPSK
Transmission Rate
721K / 2M / 3M bps
Receive Sensitivity
Typ. -81.5dBm
Maximum Output Power
+4dBm (Class 2)
Operating Voltage
Refer to Recommend table
Power consumption
Up to 41 mA for SCO
connection HV1 *
Low to 0.1 mA for standby mode
Battery programmable
charge current
25~100mA
Operating Temperature
-40~+80℃
Antenna Impedance
50Ω
Package Size
13.5*12*2.1 (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com