Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CF320 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DFBM-CF320
Description  A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DFBM-CF320 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DFBM-CF320 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 9Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 10Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
DFBM-CF320
Data Sheet
Jan 12, 2007
Proprietary Information and Specifications are Subject to Change
19
GND
Ground
20
PCM_SYNC Synchronous data sync
21
PCM_IN
Synchronous data input
22
PCM_CLK
Synchronous data clock
23
PCM_OUT
Synchronous data output
24
PIO_6
Programmable input/output line
25
PIO_7
Programmable input/output line
26
RESETB
Reset if low
27
GND
Ground
28
SPI_CLK
Serial Peripheral Interface clock
29
SPI_MISO
Serial Peripheral Interface data output
30
SPI_MOSI
Serial Peripheral Interface data input
31
SPI_CSB
Chip select for Serial Peripheral Interface,
active low
32
VREG_EN
Regulator control pin
33
PIO_3
Programmable input/output line
34
PIO_2
Programmable input/output line
35
PIO_1
Programmable input/output line
36
PIO_0
Programmable input/output line



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com