Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CF320 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DFBM-CF320
Description  A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DFBM-CF320 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DFBM-CF320 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 9Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 10Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DFBM-CF320
Data Sheet
Jan 12, 2007
Proprietary Information and Specifications are Subject to Change
Pin description
Pin No.
Name
Description
1
GND
Ground
2
ANT
RF input/output
3
PIO_11
Programmable input/output line
4
LED_0
Current sink to drive LED
5
LED_1
Current sink to drive LED
6
SP+
Speaker output positive
7
SP-
Speaker output negative
8
MIC+
Microphone input positive
9
MIC-
Microphone input negative
10
UART_RTS UART request to send active low
11
UART_TX
UART data output active high
12
UART_RX
UART data input active high
13
UART_CTS UART clear to send active low
14
PIO_10
Programmable input/output line
15
VBAT
Lithium Ion battery positive terminal
16
LX
Switch-mode power regulator output
17
VDD_1.8V
Supply Voltage (1.8V) input
18
VDD_CHG
Lithium Ion battery charger input



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com