Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFBM-CF320 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DFBM-CF320
Description  A Class 2 Bluetooth module compliant with Bluetooth Specification V2.0EDR for various application
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DFBM-CF320 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DFBM-CF320 Datasheet HTML 1Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 2Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 3Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 4Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 5Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 6Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 7Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 8Page - List of Unclassifed Manufacturers DFBM-CF320 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DFBM-CF320
Data Sheet
Jan 12, 2007
Proprietary Information and Specifications are Subject to Change
Interface
Interface
Description
Antenna
External Antenna 50Ω
UART Interface
TX, RX, RTS, CTS(9600bps~1.5Mbps)
SPI Interface
Synchronous Serial Interface for firmware
download
PCM Codec
Qualcomm MSM 3000/5000 ,
Motorola MC145483/ MC145481
OKI MSM7705 , STW 5093/5094
PIO Interface
8 terminals
Rating
Min
Max
Unit
Storage Temperature
-40
+150
℃
VDD_1.8V
-0.4
+2.2
V
VBAT
-0.4
+4.25
V
VREG_EN
-0.4
+4.25
V
VDD_CHG
-0.4
+6.5
V
Recommend
Min
Max
Unit
VDD_1.8V
+1.7
+1.9
V
VBAT
+2.5
+4.2
V
VREG_EN
+2.5
+4.2
V
VDD_CHG
+4.35
+6.5
V
VDD_CHG current
25
100
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com