Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 5Page - STMicroelectronics STA328 Datasheet HTML 6Page - STMicroelectronics STA328 Datasheet HTML 7Page - STMicroelectronics STA328 Datasheet HTML 8Page - STMicroelectronics STA328 Datasheet HTML 9Page - STMicroelectronics STA328 Datasheet HTML 10Page - STMicroelectronics STA328 Datasheet HTML 11Page - STMicroelectronics STA328 Datasheet HTML 12Page - STMicroelectronics STA328 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
STA328
Pin out
9/57
2.3
Pin description
OUT1A, 1B, 2A and 2B (pins 16, 10, 9 and 3)
Output half bridge PWM outputs 1A, 1B, 2A and 2B provide the input signals to the
speakers.
RESET (pin 22)
Driving RESET low sets all outputs low and returns all register settings to their default
(reset) values. The reset is asynchronous to the internal clock.
15
I/O
VCC1A
Positive supply
16
O
OUT1A
Output half bridge 1A
17
I/O
GND_CLEAN
Logical ground
18
I/O
GND_REG
Substrate ground
19
I/O
VDD_REG
Logic supply
20
I/O
VL
Logic supply
21
I
CONFIG
Logic levels
22
I
RESET
Reset
23
I
SCL
I2C serial clock
24
I/O
SDA
I2C serial data
25
-
RESERVED
This pin must be connected to GND
26
I
PLL_FILTER
Connection to PLL filter
27
I
XTI
PLL input clock
28
I/O
GNDA
Analog ground
29
I/O
VDDA
Analog supply, nominally 3.3 V
30
I
SDI
I2S serial data channels 1 & 2
31
I/O
LRCKI
I2S left/right clock,
32
I
BICKI
I2S serial clock
33
I/O
GND
Digital ground
34
I/O
VDD
Digital supply, nominally 3.3 V
35
I/O
VSS
5 V regulator referred to +VCC
36
I/O
VCC_SIGN
5 V regulator referred to ground
Table 2.
Pin list
Number
Type
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com