Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 27Page - STMicroelectronics STA328 Datasheet HTML 28Page - STMicroelectronics STA328 Datasheet HTML 29Page - STMicroelectronics STA328 Datasheet HTML 30Page - STMicroelectronics STA328 Datasheet HTML 31Page - STMicroelectronics STA328 Datasheet HTML 32Page - STMicroelectronics STA328 Datasheet HTML 33Page - STMicroelectronics STA328 Datasheet HTML 34Page - STMicroelectronics STA328 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
STA328
Register description
31/57
6.6
Configuration register F (addr 0x05)
Setting the IDE bit enables this function, which looks at the input I2S data and clocking and
will automatically mute all outputs if the signals are perceived as invalid.
Detects loss of input MCLK in binary mode and will output 50% duty cycle to prevent audible
artifacts when input clocking is lost.
D7
D6
D5
D4
D3
D2
D1
D0
EAPD
PWDN
ECLE
Reserved
BCLE
IDE
OCFG1
OCFG0
01
0
1
1
1
0
0
Table 40.
Output configuration selection
Bit
R/W
RST
Name
Description
1:0
RW
00
OCFG[1:0]
Output configuration selection
00: 2-channel (full-bridge) power, 1-channel
DDX® is
default
Table 41.
Output configuration selection
OCFG[1:0]
Output power configuration
00
2 channel (full-bridge) power, 1 channel
DDX®:
1A/1B
◊ 1A/1B
2A/2B
◊ 2A/2B
01
2 (half-bridge) and 1 (full-bridge) on-board power:
1A
◊ 1A binary
2A
◊ 1B binary
3A/3B
◊ 2A/2B binary
10
Reserved
11
1 channel mono-parallel:
3A
◊ 1A/1B
3B
◊ 2A/2B
Table 42.
Invalid input detect mute enable
Bit
R/W
RST
Name
Description
2RW
1
IDE
Invalid input detect auto-mute enable:
0: disabled
1: enabled
Table 43.
Binary clock loss detection enable
Bit
R/W
RST
Name
Description
3RW
1
BCLE
Binary output mode clock loss detection enable
0: disabled
1: enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com