Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 19Page - STMicroelectronics STA328 Datasheet HTML 20Page - STMicroelectronics STA328 Datasheet HTML 21Page - STMicroelectronics STA328 Datasheet HTML 22Page - STMicroelectronics STA328 Datasheet HTML 23Page - STMicroelectronics STA328 Datasheet HTML 24Page - STMicroelectronics STA328 Datasheet HTML 25Page - STMicroelectronics STA328 Datasheet HTML 26Page - STMicroelectronics STA328 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
STA328
Register description
23/57
6.2
Configuration register B (addr 0x01)
This register configures the serial data interface
The STA328 serial audio input was designed to interface with standard digital audio
components and to accept a number of serial data formats. The STA328 always acts as a
slave when receiving audio input from standard digital audio components. Serial data for two
channels is provided using 3 input pins: left/right clock LRCKI (pin 31), serial clock BICKI
(pin 32), and serial data SDI (pin 30).
SAI[3:0] and SAIFB are used to specify the serial data format. The default format is I2S,
MSB-first. Available formats are shown below in Figure 15 and the tables that follow.
Figure 15.
General serial input and output formats
Table 18 lists the serial audio input formats supported by STA328 when
BICKI = 32 * fs, 48 * fs and 64 * fs, where the sampling rate fs = 32, 44.1, 48, 88.2, 96,
176.4 or 192 kHz.
D7
D6
D5
D4
D3
D2
D1
D0
C2IM
C1IM
DSCKE
SAIFB
SAI3
SAI2
SAI1
SAI0
1
0
0
0
00
00
Table 17.
Serial audio input interface format
Bit
R/W
RST
Name
Description
3:0
RW
0000
SAI[3:0]
Serial audio input interface format: determines the interface
format of the input serial digital audio interface (see below).
4
RW
0
SAIFB
Data format:
0: MSB first
1: LSB first
I
2S
Left Justified
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB
Right Justified
LRCLK
Left
Right
SCLK
SDATA
LSB
MSB
LSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com