Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA328 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 31Page - STMicroelectronics STA328 Datasheet HTML 32Page - STMicroelectronics STA328 Datasheet HTML 33Page - STMicroelectronics STA328 Datasheet HTML 34Page - STMicroelectronics STA328 Datasheet HTML 35Page - STMicroelectronics STA328 Datasheet HTML 36Page - STMicroelectronics STA328 Datasheet HTML 37Page - STMicroelectronics STA328 Datasheet HTML 38Page - STMicroelectronics STA328 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 57 page
background image
STA328
Register description
35/57
6.8
AutoMode registers
6.8.1
AutoModes EQ, volume, GC (addr 0x0B)
By setting AMEQ to any setting other than 00 enables AutoMode EQ where biquads 1-4 are
not user programmable. Any coefficient settings for these biquads are ignored. Also when
AutoMode EQ is used the pre-scale value for channels 1-2 becomes hard-set to -18 dB.
D7
D6
D5
D4
D3
D2
D1
D0
AMPS
Reserved
AMGC1
AMGC0
AMV1
AMV0
AMEQ1
AMEQ0
1
000
0
0
0
0
Table 49.
AutoMode EQ
AMEQ[1,0]
Mode (biquad 1-4)
00
User programmable
01
Preset EQ - PEQ bits
10
Auto volume controlled loudness curve
11
Not used
Table 50.
AutoMode volume
AMV[1,0]
Mode (MVOL)
00
MVOL 0.5 dB 256 steps (standard)
01
MVOL auto curve 30 steps
10
MVOL auto curve 40 steps
11
MVOL auto curve 50 steps
Table 51.
AutoMode gain compression/limiters
AMGC[1:0]
Mode
00
User programmable GC
01
AC no clipping
10
AC limited clipping (10%)
11
DRC nighttime listening mode
Table 52.
AMPS - AutoMode auto prescale
Bit
R/W
RST
Name
Description
0
RW
0
AMPS
AutoMode pre-scale
0: -18 dB used for pre-scale when AMEQ neq 00
1: user defined pre-scale when AMEQ neq 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com