Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLEL-101 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # DLEL-101
Description  digital light engine
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DLEL-101 Datasheet(HTML) 4 Page - NXP Semiconductors

  DLEL-101 Datasheet HTML 1Page - NXP Semiconductors DLEL-101 Datasheet HTML 2Page - NXP Semiconductors DLEL-101 Datasheet HTML 3Page - NXP Semiconductors DLEL-101 Datasheet HTML 4Page - NXP Semiconductors DLEL-101 Datasheet HTML 5Page - NXP Semiconductors DLEL-101 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.06"
0.06"
0.71"
R0.11"
11.75"
1.00”
11.08"
8.90"
5.68"
3.18"
0.17"
0.71"
5.04"
0.14"
R0.11"
5.75"
1.00"
ovERaLL anD MoUnting DiMEnsions (Shown with LEDs)
6“
top
6“
siDE
12”
top
12”
siDE
DLE L-101
physical dimensions
Philips Solid-State Lighting Solutions • 3 Burlington Woods Drive • Burlington, MA 01803 • USA
Tel 888 FULL RGB • Tel 617 423 9999 • Fax 617 423 9998 • info@colorkinetics.com • www.colorkinetics.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com