Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLEL-101 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # DLEL-101
Description  digital light engine
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

DLEL-101 Datasheet(HTML) 1 Page - NXP Semiconductors

  DLEL-101 Datasheet HTML 1Page - NXP Semiconductors DLEL-101 Datasheet HTML 2Page - NXP Semiconductors DLEL-101 Datasheet HTML 3Page - NXP Semiconductors DLEL-101 Datasheet HTML 4Page - NXP Semiconductors DLEL-101 Datasheet HTML 5Page - NXP Semiconductors DLEL-101 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DLE L-101
P O W E R E D
B Y
C H R O M A C O R E
Color Kinetics® DLE L-101 digital light engine is a complete, networkable illumination module
for integration into a wide variety of OEM lighting products and custom installations. On-board
intelligence drives the light emitting diodes (LEDs) and stores configuration data. With simple control
and power input, DLE L-101 delivers a broad range of color control. Separate red, green, and blue
(RGB) control channels enable smooth color mixing across a generous gamut.
DLE L-101 accepts commands using the DMX512 packet format. Three sequential channels are used:
one for red, one for green, and one for blue. These three 8-bit channels provide full 24-bit control of
the emitted color. Thus, DLE L-101 can be instructed to produce over 16 million different colors. Color
changes are virtually instantaneous.
DLE L-101 uses surface mount LEDs driven by precision current sources that are tolerant of wide
variations in temperature and supply voltage, and whose intensity is controlled by an advanced pulse
width modulation (PWM) algorithm. DLE L-101 uses 14-bit PWM natively. The 16,384 intensities
available on each channel are non-linearly mapped to incoming 8-bit DMX data to better match the
human eye's perception of brightness.
DLE L-101’s on-board processor has non-volatile memory that stores configuration and performance
data. Each DLE module is uniquely and permanently serialized at the time of manufacture, and this
serial number can be used to identify the module in an installation or network, even if that installation
contains other Color Kinetics lights or fixtures from other OEMs that use Color Kinetics DLEs.
DLE L-101 spEcifications
color range
16.7 million (24-bit) additive red, green, and blue colors; continuously
variable intensity output range
source
High brightness colored light emitting diodes (LEDs)
weight
12": 1.5 oz. (43g); 6": 1.0 oz. (28g)
coMMUnication spEcifications
data interface
CKDMX
control
Color Kinetics full line of controllers or DMX512 (RS485) compatible when
using Color Kinetics power/data supply
ELEctRicaL spEcifications
power requirement
24VDC Regulated, +/- 0.5V
power consumption
6-inch: 4.2W Max. at full intensity (full RGB), 35 mA (min.)/0.22 A (max.)
12-inch: 6W Max. at full intensity (full RGB), 35 mA (min.)/0.30 A (max.)
EnviRonMEntaL spEcifications
maximum temperature
Housing dependent. Design should provide adequate heat transfer such that
no individual component exceeds maximum levels specified in the Thermal
Management Section of the Digital Light Engine Integration Guide.
minimum temperature
-20°C
environment
Non-corrosive
humidity
0-95% non-condensing
LED soURcE LifE
In traditional lamp sources, lifetime is defined as the point at which 50% of the lamps fail. This is also termed Mean
Time Between Failure [MTBF]. LEDs are semiconductor devices and have a much longer MTBF than conventional
sources. However, MTBF is not the only consideration in determining useful life. Color Kinetics uses the concept of
useful light output for rating source lifetimes. Like traditional sources, LED output degrades over time (lumen deprecia-
tion) and this is the metric for SSL lifetime.
LED lumen depreciation is affected by numerous environmental conditions such as ambient temperature, humidity,
and ventilation. Lumen depreciation is also affected by means of control, thermal management, current levels, and
a host of other electrical design considerations. Color Kinetics systems are expertly engineered to optimize LED life
when used under normal operating conditions. Lumen depreciation information is based on LED manufacturers’
source life data as well as other third party testing. Low temperatures and controlled effects have a beneficial effect
on lumen depreciation. Overall system lifetime could vary substantially based on usage and the environment in
which the system is installed.
Temperature and effects will affect lifetime. Color Kinetics rates product lifetime using lumen depreciation to 50% of
original light output. When the fixture is running at room temperature using a color wash effect, the range of lifetime
is in the range of 30,000-50,000 hours. This is LED manufacturers’ test data. For more detailed information on
source life, please see www.colorkinetics.com/lifetime.
itEM# 118-000046-00 (6-inch)
118-000047-00 (12-inch)
This product is protected by one or more of the following patents:
U.S. Patent Nos. 6,016,038, 6,150,774 and other patents listed at
http://colorkinetics.com/patents/. Other patents pending.
©2004-2006 Color Kinetics Incorporated. All rights reserved.
Chromacore, Chromasic, Color Kinetics, the Color Kinetics
logo, ColorBlast, ColorBlaze, ColorBurst, ColorCast, ColorPlay,
ColorScape, Direct Light, iColor, iColor Cove, iPlayer, Optibin,
Powercore, QuickPlay, Sauce, the Sauce logo, and Smartjuice are
registered trademarks and DIMand, EssentialWhite, IntelliWhite, and
Light Without Limits are trademarks of Color Kinetics Incorporated.
All other brand or product names are trademarks
or registered trademarks of their respective owners.
BRO123 Rev 02
Specifications subject to change without notice. Refer to
www.colorkinetics.com for the most recent data sheet versions.
Philips Solid-State Lighting Solutions • 3 Burlington Woods Drive • Burlington, MA 01803 • USA
Tel 888 FULL RGB • Tel 617 423 9999 • Fax 617 423 9998 • info@colorkinetics.com • www.colorkinetics.com


Similar Part No. - DLEL-101

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DLE XPPOWER-DLE Datasheet
201Kb / 2P
Constant Voltage AND Current Versions
logo
Everlight Electronics C...
DLE-0000010 EVERLIGHT-DLE-0000010 Datasheet
102Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
DLE-0000014 EVERLIGHT-DLE-0000014 Datasheet
102Kb / 6P
3.0mm Very Wide Angle Type LED Lamps
DLE-0000312 EVERLIGHT-DLE-0000312 Datasheet
255Kb / 12P
Popular T-1 3/4 round package
DLE-0000336 EVERLIGHT-DLE-0000336 Datasheet
368Kb / 12P
Popular T-1 3/4 round package
More results

Similar Description - DLEL-101

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89340 ZILOG-Z89340 Datasheet
373Kb / 30P
Digital Wavetable Engine
logo
Dialight Corporation
HL16-RGB DIALIGHT-HL16-RGB Datasheet
483Kb / 2P
HL16 RGB LED LIGHT ENGINE
MDU93570 DIALIGHT-MDU93570_11 Datasheet
184Kb / 2P
HL16 LED LIGHT ENGINE
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
logo
List of Unclassifed Man...
98006 ETC2-98006 Datasheet
683Kb / 2P
LED Light Engine, 10.2??Fingerboard Module
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98021 ETC2-98021 Datasheet
604Kb / 2P
LED Light Engine, 4.7??Round Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
logo
Lumins Inc.
EC850 LUMINIS-EC850 Datasheet
523Kb / 3P
LED light engine
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com